Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F827N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F827N
Description  10-bit buffer/line driver, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F827N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F827N Datasheet HTML 3Page - NXP Semiconductors N74F827N Datasheet HTML 4Page - NXP Semiconductors N74F827N Datasheet HTML 5Page - NXP Semiconductors N74F827N Datasheet HTML 6Page - NXP Semiconductors N74F827N Datasheet HTML 7Page - NXP Semiconductors N74F827N Datasheet HTML 8Page - NXP Semiconductors N74F827N Datasheet HTML 9Page - NXP Semiconductors N74F827N Datasheet HTML 10Page - NXP Semiconductors N74F827N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F827, 74F828
Buffers
1994 Dec 05
7
AC CHARACTERISTICS
for 10 Outputs switching with CL = 300pF and RL = 500Ω load
LIMITS
SYMBOL
PARAMETER
Tamb = +25°C
VCC = 5V
CL = 50pF
RL = 500Ω
Tamb = 0 °C to +70°C
VCC = 5V "10%
CL = 50pF
RL = 500Ω
UNIT
MIN
Typ
Max
MIN
Max
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 1
12.0
14.0
16.0
17.0
17.0
18.0
ns
tPZH
tPZL
Output enable time
OEn to Qn
74F827
Waveform 3
Waveform 4
15.0
17.0
20.0
21.0
21.0
21.5
ns
tPHZ
tPLZ
Output disable time
OEn to Qn
Waveform 3
Waveform 4
15.0
12.5
19.0
15.5
20.0
16.0
ns
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 2
10.0
10.0
17.0
13.5
18.0
14.0
ns
tPZH
tPZL
Output enable time
OEn to Qn
74F828
Waveform 3
Waveform 4
18.0
15.0
21.0
18.0
23.0
19.0
ns
tPHZ
tPLZ
Output disable time
OEn to Qn
Waveform 3
Waveform 4
16.5
11.5
19.5
14.5
22.5
15.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
VM
VM
VM
VM
Qn
Dn
tPLH
tPHL
SF00125
Waveform 1. Propagation Delay for Non-Inverting Output
VM
VM
VM
VM
Qn
Dn
tPHL
tPLH
SF00282
Waveform 2. Propagation Delay for Inverting Output
Qn, Qn
VM
VM
VM
tPHZ
tPZH
OEn
VOH -0.3V
0V
SF00263
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
Qn, Qn
SF00264
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - N74F827N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F827D NXP-N74F827D Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
N74F827DB NXP-N74F827DB Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
More results

Similar Description - N74F827N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com