Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6315SAW13F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6315SAW13F
Description  Open Drain Microprocessor Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315SAW13F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6315SAW13F Datasheet HTML 1Page - STMicroelectronics STM6315SAW13F Datasheet HTML 2Page - STMicroelectronics STM6315SAW13F Datasheet HTML 3Page - STMicroelectronics STM6315SAW13F Datasheet HTML 4Page - STMicroelectronics STM6315SAW13F Datasheet HTML 5Page - STMicroelectronics STM6315SAW13F Datasheet HTML 6Page - STMicroelectronics STM6315SAW13F Datasheet HTML 7Page - STMicroelectronics STM6315SAW13F Datasheet HTML 8Page - STMicroelectronics STM6315SAW13F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 2006
Rev 4
1/21
STM6315
Open Drain Microprocessor Reset
Features Summary
Low supply current of 1.5µA (typ)
±1.8% reset threshold accuracy (25°C)
Guaranteed RST assertion down to
VCC = 1.0V
Open drain RST output can exceed VCC
Power supply transient immunity
Operating temperature: –40 to +125°C
Available in SOT143-4 package.
Table 1.
Package
SOT143-4 (W1)
www.st.com


Similar Part No. - STM6315SAW13F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315SAW13F STMICROELECTRONICS-STM6315SAW13F Datasheet
185Kb / 21P
   Open drain microprocessor reset
More results

Similar Description - STM6315SAW13F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com