Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG6418V7D2XX Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG6418V7D2XX
Description  128MB - 16Mx64, SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6418V7D2XX Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG6418V7D2XX Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6418V7D2XX Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG6418V-D2
March 2006
Rev. 1
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
8
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0°C
≤ TA ≤ +70°C
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note:
1.
VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2.
VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3.
Any input 0V ≤ VIN ≤ VCC
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF=1.4V
± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A11)
CIN1
35.5
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
35.5
pF
Input Capacitance (CKE0)
CIN3
35.5
pF
Input Capacitance (CLK0-CLK3)
CIN4
10
pF
Input Capacitance (CS0#, CS2#)
CIN5
20
pF
Input Capacitance (DQM0-DQM7)
CIN6
7pF
Input Capacitance (BA0-BA1)
CIN7
35.5
pF
Data input/output capacitance (DQ0-DQ63)
COUT
15
pF


Similar Part No. - W3DG6418V7D2XX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6418V7D1 WEDC-W3DG6418V7D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6418V7D2XX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com