Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRT190-33F Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FRT190-33F
Description  Radial Leaded PTC Resettable Fuse: FRT Series Preliminary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRT190-33F Datasheet(HTML) 1 Page - DB Lectro Inc

  FRT190-33F Datasheet HTML 1Page - DB Lectro Inc FRT190-33F Datasheet HTML 2Page - DB Lectro Inc FRT190-33F Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NO.
PQ15-101E
Product Specification and Approval Sheet Version
5
Page
1/3
Radial Leaded PTC Resettable Fuse: FRT Series
Preliminary
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: IEEE 1394 FireWire, Computers & Consumer electronics
(c) Product Features: Fast trip time, Lower Trip-to-hold Ratio, Radial-leaded product
ideal for up to 36V
(d) Operation Current: 500mA~2.50A
(e) Maximum Voltage: 36V
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL:
Pending
C-UL:
Pending
T
ÜV:
Pending
3. Electrical Characteristics (23℃)
Resistance
Tolerance
Hold
Current
Trip
Current
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
IMAX,A
VMAX,Vdc
Pd, W
Ω
Ω
FRT050-33F
0.50
1.10
40
36
0.67
0.140
0.448
FRT075-33F
0.75
1.50
40
36
0.71
0.115
0.368
FRT090-33F
0.90
1.80
40
36
0.74
0.090
0.288
FRT120-33F
1.20
2.30
40
36
0.78
0.074
0.180
FRT135-33F
1.35
2.50
40
36
0.84
0.059
0.143
FRT160-33F
1.60
2.75
40
36
0.86
0.041
0.131
FRT190-33F
1.90
3.00
40
36
0.90
0.045
0.092
FRT220-33F
2.20
3.50
40
36
0.95
0.025
0.080
FRT250-33F
2.50
4.00
40
36
0.99
0.020
0.064
IH=Hold current-maximum current at which the device will not trip at 23 ℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23 ℃ still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in tripped state in 23 ℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23 ℃, 1 hour after tripping .
Physical specifications:
Lead material: Tin plated copper, 24 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy, meets UL -94V-0 requirement.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - FRT190-33F

ManufacturerPart #DatasheetDescription
logo
RFE international
FRT190-33F RFE-FRT190-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
logo
Fuzetec Technology Co.,...
FRT190-33F FUZETEC-FRT190-33F Datasheet
130Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series
logo
RFE international
FRT190-33F RFE-FRT190-33F Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
More results

Similar Description - FRT190-33F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FRT050-33F FUZETEC-FRT050-33F Datasheet
130Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series
logo
DB Lectro Inc
FRV005-240F DBLECTRO-FRV005-240F Datasheet
182Kb / 4P
   Radial Leaded PTC Resettable Fuse FRV Series Preliminary
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRHV RFE-FRHV Datasheet
290Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/07
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FUSB RFE-FUSB Datasheet
260Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/29
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com