Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512LPAXTI Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI88512LPAXTI
Description  512Kx8 Monolithic SRAM, SMD 5962-95600
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512LPAXTI Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI88512LPAXTI Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 7Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 8Page - White Electronic Designs Corporation EDI88512LPAXTI Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EDI88512CA
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Voltage on any pin relative to Vss
-0.5
≤ TA ≤ 7.0
V
Operating Temperature TA (Ambient)
Commercial
0
≤ TA ≤ +70
°C
Industrial
-40
≤ TA ≤ +85
°C
Military
-55
≤ TA ≤ +125
°C
Storage Temperature, Plastic
-65
≤ TA ≤ +150
°C
Power Dissipation
1.5
W
Output Current
20
mA
Junction Temperature, TJ
175
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.2
3.0
V
Input Low Voltage
VIL
-0.3
+0.8
V
Parameter
Symbol
Condition
Max
Unit
Address Lines
CI
VIN = Vcc or Vss, f = 1.0MHz
12
pF
Data Lines
CO
VOUT = Vcc or Vss, f = 1.0MHz
14
pF
These parameters are sampled, not 100% tested.
CAPACITANCE
(TA = +25°C)
TRUTH TABLE
OE#
CS#
WE#
Mode
Output
Power
X
H
X
Standby
High Z
Icc2, Icc3
H
L
H
Output Deselect
High Z
Icc1
L
L
H
Read
Data Out
Icc1
X
L
L
Write
Data In
Icc1
NOTE:
Stress greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
Figure 1
NOTE: For tEHQZ, tGHQZ and tWLQZ, CL = 5pF Figure 2)
30pF
480Ω
Vcc
Q
Figure 1
Figure 2
255Ω
5pF
480Ω
Vcc
Q
255Ω
AC TEST CONDITIONS
DC CHARACTERISTICS
(VCC = 5V, TA = -55°C to +125°C)
Parameter
Symbol
Conditions
Min
Max
Units
Input Leakage Current
ILI
VIN = 0V to VCC
-10
10
A
Output Leakage Current
ILO
VI/O = 0V to VCC
-10
10
A
Operating Power Supply Current
ICC1
WE#, CS# = VIL, II/O = 0mA, Min Cycle
(17ns)
250
mA
(20 -55ns)
225
mA
Standby (TTL) Power Supply Current
ICC2
CS#
≥ VIH, VIN ≤ VIL, VIN ≥ VIH
—60
mA
Full Standby Power Supply Current
ICC3
CS#
≥ VCC -0.2V
VIN
≥ Vcc -0.2V or VIN ≤ 0.2V
CA
25
mA
LPA
20
mA
Output Low Voltage
VOL
IOL = 6.0mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
NOTE: DC test conditions: VIL = 0.3V, VIH = Vcc -0.3V


Similar Part No. - EDI88512LPAXTI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512LPAXMB WEDC-EDI88512LPAXMB Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMC WEDC-EDI88512LPAXMC Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMI WEDC-EDI88512LPAXMI Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512LPAXMM WEDC-EDI88512LPAXMM Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results

Similar Description - EDI88512LPAXTI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com