Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA065-120 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # FRA065-120
Description  Radial Leaded PTC FRA Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRA065-120 Datasheet(HTML) 3 Page - DB Lectro Inc

  FRA065-120 Datasheet HTML 1Page - DB Lectro Inc FRA065-120 Datasheet HTML 2Page - DB Lectro Inc FRA065-120 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Typical Time-To-Trip at 23
A
B C D E F G H I J K L M N O P Q
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
Fault current (A)
Part Numbering System
Part Marking System
F R A
Voltage rating
Current rating
Example
Standard Package
P/N
Pcs /Bag
Reel/Tape
P/N
Pcs /Bag
Reel/Tape
FRA-010-120
300
2K
FRA-090-120
300
2K
FRA-017-120
300
2K
FRA-110-120
300
1.5K
FRA-020-120
300
2K
FRA-135-120
200
1.5K
FRA-025-120
300
2K
FRA-160-120
200
------
FRA-030-120
300
2K
FRA-185-120
200
------
FRA-040-120
300
2K
FRA-250-120
100
------
FRA-050-120
300
2K
FRA-300-120
100
------
FRA-065-120
300
2K
FRA-375-120
100
------
FRA-075-120
300
2K
A =FRA010-120
B =FRA017-120
C =FRA020-120
D =FRA025-120
E =FRA030-120
F =FRA040-120
G =FRA050-120
H =FRA065-120
I =FRA075-120
J =FRA090-120
K =FRA110-120
L =FRA135-120
M =FRA160-120
N =FRA185-120
O =FRA250-120
P =FRA300-120
Q =FRA375-120
F
Fuzetec Logo
RA
Part Identification
Product Family
Date Code/Lot Number
F
RA110
09AB
Radial Leaded PTC FRA Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FRA065-120

ManufacturerPart #DatasheetDescription
logo
RFE international
FRA065-120F RFE-FRA065-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
More results

Similar Description - FRA065-120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com