Electronic Components Datasheet Search |
|
ES-21-CV-8-FPCG-A5S Datasheet(PDF) 4 Page - DB Lectro Inc |
|
ES-21-CV-8-FPCG-A5S Datasheet(HTML) 4 Page - DB Lectro Inc |
4 / 5 page ES40-P Sealed SMT Sub-Miniature Push button Switches (A) ES C V R 2 0 SPECIFICATIONS MATERIALS 16 D Switches Function Cap Cap color FEATURES: How do you modify the switches you need!! 1 Plunger CV CV1 5.08 7.62 1 white 2 black 3 red 4 orange 5 yellow 6 green 7 blue 8 brown 9 gray (none) std. FP flush type 1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard 2. Carry the IP67 approvals 3. Surface mounting (SMT) 4. Tape and Reel package CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC ELECTRICAL LIFE:30,000 make-and-break cycles at full load CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA INSULATION RESISTANCE: 1,000 M min. DIELECTRIC STRENGTH: 1,500 V RMS @ sea level. DEGREE OF PROTECTION : IP67 OPERATING TEMPERATURE: -30 Cto85 C Contact Material ES-20 ES-20A ES-26 ES-26A ES-27 ES-27A SPST off-mom. Sideward terminal SPDT on-mom. Sideward terminal SPST off-mom. Backward terminal SPDT on-mom. Backward terminal SPST off-mom. Backward terminal SPDT on-mom. Backward terminal Q silver plated R gold plated G gold over silver K gold / tin-lead IP67 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 DB LECTRO Inc. |
Similar Part No. - ES-21-CV-8-FPCG-A5S |
|
Similar Description - ES-21-CV-8-FPCG-A5S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |