Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG727V10D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG727V10D2
Description  64MB - 8Mx72 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG727V10D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG727V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sept. 2002
Rev. 0
W3DG727V-D2
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, 0°C £ TA +70°C)
Notes:
1.
Measured with outputs open.
2.
Refresh period is 64ms.
3.
Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VCCQ/VssQ)
Parameter
Symbol
Conditions
Version
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
675
630
mA
1
Precharge Standby Current
Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
10
mA
ICC2PS
CKE & CLK ≤ VIL(max), tCC = ∞
10
Precharge Standby Current
Non Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc = 10ns
Input signals are charged one time during 20
135
mA
ICC2NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tcc = ∞
Input signals are stable
55
Active standby current
Power Down Mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
30
mA
ICC3PS
CKE & CLK ≤ VIL(max), tcc = ∞
30
Active standby current
Non Power Down Mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc = 10ns
Input signals are changed one time during 20ns
225
mA
ICC3NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tcc = ∞
Input signals are stable
140
mA
Operating current
(Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CLK
1,035
855
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
1,215
1,125
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
10
mA


Similar Part No. - W3DG727V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V10D2 WEDC-W3DG72127V10D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V75D2 WEDC-W3DG72127V75D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V7D2 WEDC-W3DG72127V7D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - W3DG727V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG728V-D1 WEDC-WED3DG728V-D1 Datasheet
170Kb / 6P
   64MB - 8Mx72 SDRAM UNBUFFERED
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
W3DG647V-D1 WEDC-W3DG647V-D1 Datasheet
80Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG728V-D2 WEDC-W3DG728V-D2 Datasheet
77Kb / 5P
   64MB-8Mx72 SDRAM W/ PLL, REGISTER AND SPD
WED3DG649V-D2 WEDC-WED3DG649V-D2 Datasheet
116Kb / 5P
   64MB- 8M x 64 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com