Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3DG727V10D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG727V10D2
Description  64MB - 8Mx72 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG727V10D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG727V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG727V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sept. 2002
Rev. 0
W3DG727V-D2
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
9
W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(VSS = 0V, 0°C £TA = £70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note:
1.
VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2.
VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3.
Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
(TA = 23°C, f = 1MHz, VCC = 3.3V, VREF=1.4V 6200mV)
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
50
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
50
pF
Input Capacitance (CKE0)
CIN3
50
pF
Input Capacitance (CLK0)
CIN4
25
pF
Input Capacitance (CS0#,CS2#)
CIN5
30
pF
Input Capacitance (DQM0-DQM7)
CIN6
10
pF
Input Capacitance (BA0-BA1)
CIN7
50
pF
Data input/output capacitance (DQ0-DQ63)
COUT
15
pF
Data input/output capacitance (CB0-CB7)
COUT1
15
pF


Similar Part No. - W3DG727V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V10D2 WEDC-W3DG72127V10D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V75D2 WEDC-W3DG72127V75D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72127V7D2 WEDC-W3DG72127V7D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - W3DG727V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG728V-D1 WEDC-WED3DG728V-D1 Datasheet
170Kb / 6P
   64MB - 8Mx72 SDRAM UNBUFFERED
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
W3DG647V-D1 WEDC-W3DG647V-D1 Datasheet
80Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG728V-D2 WEDC-W3DG728V-D2 Datasheet
77Kb / 5P
   64MB-8Mx72 SDRAM W/ PLL, REGISTER AND SPD
WED3DG649V-D2 WEDC-WED3DG649V-D2 Datasheet
116Kb / 5P
   64MB- 8M x 64 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com