Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI816256LPAXN44C Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # EDI816256LPAXN44C
Description  256Kx16 MONOLITHIC SRAM, SMD 5962-96795
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI816256LPAXN44C Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  EDI816256LPAXN44C Datasheet HTML 1Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 2Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 3Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 4Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 5Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 6Page - White Electronic Designs Corporation EDI816256LPAXN44C Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI816256CA
August 2004
Rev. 8
PACKAGE 322: 44 LEAD, CERAMIC SOJ
0.445
0.435
1.130
1.110
0.155
0.120
0.050 Typ
DIMENSIONS ARE IN INCHES
PACKAGE 323: 44 PIN, CERAMIC FLATPACK
Pin 1
0.019
0.015
0.038
0.032
0.395
0.385
0.115 Max.
0.050 Typ
0.515
0.505
1.00 Ref
0.045
0.015
0.007
0.003
0.370
0.250
1.130
1.110
DIMENSIONS ARE IN INCHES


Similar Part No. - EDI816256LPAXN44C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
EDI8810HL ETC1-EDI8810HL Datasheet
223Kb / 7P
   Low Power 6T CMOS Monolithic SRAM
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88128CDXCB WEDC-EDI88128CDXCB Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCC WEDC-EDI88128CDXCC Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results

Similar Description - EDI816256LPAXN44C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com