Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH064V1-300 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # ENH064V1-300
Description  ENH064V1-300/450 Color TFT-LCD Module Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH064V1-300 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button ENH064V1-300 Datasheet HTML 2Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 9Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ENH064V1-300/450
Original specifications created by Sharp.
6
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
TIMING CHARACTERISTICS OF INPUT SIGNALS
Timing diagrams of input signal are shown in Fig. 2-1~3.
Parameter Clock
Symbol
Mode
Min.
Typ.
Max.
Unit
Clock
Frequency
1/Tc
all
-
25.18
28.33
MHz
High Time
Tch
5
-
-
ns
Low Time
Tcl
10
-
-
ns
Data
Set up time
Tds
5
-
-
ns
Hold time
Tdh
10
-
-
ns
Horizontal sync.
signal
Cycle
TH
30.00
31.78
-
µs
770
800
900
clock
Pulse width
THp
2
96
200
clock
Vertical sync. signal
Cycle
TV
480
515
525
560
line
400
446
449
480
line
350
447
449
510
line
Pulse width
TVp
all
2
-
34
line
Horizontal display period
THd
640
640
640
clock
HSYNC-Clock phase difference
THc
10
-
Tc-10
ns
HSYNC.-VSYNC. phase difference
TVh
0
-
TH-THp
clock
Notes:
1.
In case of lower frequency, deterioration of the display quality, flicker, etc. may occur.
TIMING CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Unit
Enable signal
Set-up time
Tes
5
-
Tc-10
ns
Pulse width
Tep
2
640
640
clock
HSYNC-enable signal phase difference
THe
44
-
TH-664
clock
HORIZONTAL DISPLAY POSITION
The horizontal display position is determined by ENAB signal and the input data corresponding to the rising edge ENAB
signal is displayed at the left end of the active area.
Notes:
1.
When ENAB is fixed at "Low", the display starts from the data of C104 (clock) as shown in Fig. 2-1~3. Be careful the module does not work when ENAB is fixed "High".


Similar Part No. - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
More results

Similar Description - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
ENH057Q1-350 WEDC-ENH057Q1-350 Datasheet
151Kb / 16P
   ENH057Q1-350/450/600 Color TFT-LCD Module Features
ENH038QD1-450 WEDC-ENH038QD1-450 Datasheet
214Kb / 15P
   ENH038QD1-450/600/650 Color TFT-LCD Module Features
ENH050QA1-320 WEDC-ENH050QA1-320 Datasheet
331Kb / 21P
   ENH050QA1-320/450/600 Color TFT-LCD Module Features
ENH104V2-380 WEDC-ENH104V2-380 Datasheet
136Kb / 15P
   ENH104V2-380/450/600 Color TFT-LCD Module Features
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com