Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU8782 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDU8782
Description  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU8782 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDU8782 Datasheet HTML 1Page - Fairchild Semiconductor FDU8782 Datasheet HTML 2Page - Fairchild Semiconductor FDU8782 Datasheet HTML 3Page - Fairchild Semiconductor FDU8782 Datasheet HTML 4Page - Fairchild Semiconductor FDU8782 Datasheet HTML 5Page - Fairchild Semiconductor FDU8782 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD8782/FDU8782 Rev. A
www.fairchildsemi.com
4
Figure 7.
0
5
10
15
20
25
0
2
4
6
8
10
VDD = 13V
VDD = 18V
VDD = 8V
Qg, GATE CHARGE(nC)
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
3000
30
Capacitance vs Drain to Source Voltage
Figure 9.
0.01
0.1
1
10
100
1
10
TJ = 25oC
TJ = 125oC
TJ = 150oC
t
AV, TIME IN AVALANCHE(ms)
300
50
Unclamped Inductive Switching
Capability
Figure 10.
25
50
75
100
125
150
175
0
10
20
30
40
50
60
TC, CASE TEMPERATURE(oC)
RθJC = 3.0
oC/W
VGS = 4.5V
VGS = 10V
Maximum Continuous Drain Current vs
Case Temperature
Figure 11.
110
0.1
1
10
100
10us
500
1ms
10ms
100us
VDS, DRAIN TO SOURCE VOLTAGE (V)
SINGLE PULSE
TJ = MAX RATED
TC = 25oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY
rDS(on)
DC
50
LIMITED BY
PACKAGE
Forward Bias Safe Operating Area
Figure 12. Single
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
SINGLE PULSE
V
GS = 10V
t
, PULSE WIDTH (s)
7000
TC = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
175 TC
150
-----------------------
Pulse Maximum Power
Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDU8782

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU8780 FAIRCHILD-FDU8780 Datasheet
318Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
FDU8780F071 FAIRCHILD-FDU8780F071 Datasheet
318Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
More results

Similar Description - FDU8782

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com