Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512LPXCB Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # EDI88512LPXCB
Description  512Kx8 Monolithic SRAM, CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512LPXCB Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  EDI88512LPXCB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512LPXCB Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EDI88512C
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2001
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
EDI 8 8 512 C X X X
WHITE ELECTRONIC DESIGNS
SRAM
ORGANIZATION, 512Kx8
TECHNOLOGY:
C = CMOS Standard Power
LP = Low Power
ACCESS TIME (ns)
PACKAGE TYPE:
C
= 32 lead Sidebrazed DIP, 600 mil (Package 9)
N
= 32 lead Ceramic SOJ (Package 140)
DEVICE GRADE:
B
= MIL-STD-883 Compliant
M
= Military Screened
-55°C to +125°C
I
= Industrial
-40°C to +85°C
C
= Commercial
0°C to +70°C


Similar Part No. - EDI88512LPXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512LPAXB32B WEDC-EDI88512LPAXB32B Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32C WEDC-EDI88512LPAXB32C Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32I WEDC-EDI88512LPAXB32I Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXB32M WEDC-EDI88512LPAXB32M Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512LPAXCB WEDC-EDI88512LPAXCB Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
More results

Similar Description - EDI88512LPXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com