Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88512CXCB Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI88512CXCB
Description  512Kx8 Monolithic SRAM, CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88512CXCB Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI88512CXCB Datasheet HTML 1Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 2Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 3Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 4Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 5Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 6Page - White Electronic Designs Corporation EDI88512CXCB Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EDI88512C
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2001
Rev. 11
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512Kx8 Monolithic SRAM, CMOS
The EDI88512C is a 4 megabit Monolithic CMOS Static
RAM.
The 32 pin DIP pinout adheres to the JEDEC evolutionary
standard for the four megabit device. Both the DIP and
CSOJ packages are pin for pin upgrades for the single chip
enable 128K x 8, the EDI88128C. Pins 1 and 30 become
the higher order addresses.
A Low Power version with Data Retention (EDI88512LP)
is also available for battery backed applications. Military
product is available compliant to Appendix A of MIL-PRF-
38535.
* This product is subject to change without notice.
PIN DESCRIPTION
I/O0-7
Data Inputs/Outputs
A0-18
Address Inputs
WE#
Write Enables
CS#
Chip Selects
OE#
Output Enable
VCC
Power (+5V ±10%)
VSS
Ground
NC
Not Connected
BLOCK DIAGRAM
Memory Array
Address
Buffer
Address
Decoder
I/O
Circuits
A0-18
I/O0-7
WE#
CS#
OE#
FIGURE 1 – PIN CONFIGURATION
32 PIN
TOP VIEW
32 pin
Evolutionary
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE#
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
FEATURES
512Kx8 bit CMOS Static
Random Access Memory
• Access Times of 70, 85, 100ns
• Data Retention Function (LP version)
• TTL Compatible Inputs and Outputs
• Fully Static, No Clocks
32 lead JEDEC Approved Evolutionary Pinout
• Ceramic Sidebrazed 600 mil DIP (Package 9)
• Ceramic SOJ (Package 140)
Single +5V (±10%) Supply Operation


Similar Part No. - EDI88512CXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
EDI88512CAXB32B WEDC-EDI88512CAXB32B Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXB32C WEDC-EDI88512CAXB32C Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88512CAXB32I WEDC-EDI88512CAXB32I Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
More results

Similar Description - EDI88512CXCB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com