Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88257C Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # EDI88257C
Description  256Kx8 Monolithic SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI88257C Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  EDI88257C Datasheet HTML 1Page - White Electronic Designs Corporation EDI88257C Datasheet HTML 2Page - White Electronic Designs Corporation EDI88257C Datasheet HTML 3Page - White Electronic Designs Corporation EDI88257C Datasheet HTML 4Page - White Electronic Designs Corporation EDI88257C Datasheet HTML 5Page - White Electronic Designs Corporation EDI88257C Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI88257C
September 1999
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE 9: 32 PIN SIDEBRAZED CERAMIC DIP (600MILS WIDE)
ALL DIMENSIONS ARE IN INCHES
Pin 1 Indicator
0.020
0.016
0.200
0.125
0.100
TYP
15 x 0.100 = 1.500
0.155
0.115
1.616
1.584
0.061
0.017
0.600
NOM
0.060
0.040
0.620
0.600
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS
SRAM
ORGANIZATION, 256Kx8
TECHNOLOGY:
C = CMOS Standard Power
LP = Low Power
ACCESS TIME (ns)
PACKAGE TYPE:
C = 32 lead Sidebrazed DIP, 600 mil (Package 9)
DEVICE GRADE:
B = MIL-STD-883 Compliant
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
EDI 8 8 257 C X X X


Similar Part No. - EDI88257C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CAXCB WEDC-EDI88257CAXCB Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CAXCC WEDC-EDI88257CAXCC Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CAXCI WEDC-EDI88257CAXCI Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CAXCM WEDC-EDI88257CAXCM Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
More results

Similar Description - EDI88257C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014 TI-BQ4014_08 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com