Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI416S4030A12SI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # EDI416S4030A12SI
Description  1Mx16 Bits x 4 Banks Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI416S4030A12SI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  EDI416S4030A12SI Datasheet HTML 1Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 2Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 3Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 4Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 5Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 6Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 7Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 8Page - White Electronic Designs Corporation EDI416S4030A12SI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
EDI416S4030A
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January, 2003
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
CLOCK FREQUENCY AND LATENCY PARAMETERS = 100MHz
(UNITS = NUMBER OF CLOCKS)
Frequency
CAS Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
80ns
50ns
24ns
20ns
24ns
10ns
10ns
10ns
100MHz (10ns)
3
8
5
3
2
3
1
1
1
83MHz (12ns)
3
7
5
2
2
2
1
1
1
75MHz (12ns)
2
6
4
2
2
2
1
1
1
66MHz (15ns)
2
6
4
2
2
2
1
1
1
CLOCK FREQUENCY AND LATENCY PARAMETERS = 83MHz
(UNITS = NUMBER OF CLOCKS)
Frequency
CAS Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
90ns
60ns
26ns
24ns
26ns
12ns
12ns
12ns
83MHz (12ns)
3
8
5
3
2
3
1
1
1
75MHz (12ns)
3
7
5
2
2
2
1
1
1
66MHz (15ns)
2
6
4
2
2
2
1
1
1


Similar Part No. - EDI416S4030A12SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI416S4030A12SI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Samsung semiconductor
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com