Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6324LXSP5B2.6 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6324LXSP5B2.6
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6324LXSP5B2.6 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6324LXSP5B2.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6324LXSP5B2.6 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
1
www.emmicroelectronic.com
Reset Circuit with Manual Reset and Watchdog
Description
The EM6323/24 are low power, high precision reset ICs
featuring a manual reset and a watchdog inputs. They have
different threshold voltages and several timeout reset periods
(tPOR) and watchdog timeout periods (tWD) for maximum
flexibility in the application. EM6323 has a manual reset ( MR
with internal pull-up) and a watchdog input pins. EM6324 has
only a watchdog input pin (WDI). The watchdog function can
be disabled by driving WDI with a three-state driver or by
leaving WDI unconnected. This is useful when the MCU is in
sleep mode.
Small SOT23-5L package as well as ultra-low supply current
of 3.8µA make the EM6323 and the EM6324 an ideal choice
for portable and battery-operated devices.
Typical Application
V
DD
WDI
GND
RESET
MR
EM632x
V
DD
I/O
GND
RESET
MPU, DSP
V
DD
GND
*
* R
EXT for open-drain version only
RESET
RESET
Fig. 1
Block Diagram
Fig. 2
Features
!
Ultra-low supply current of 3.8µA (VDD=3.3V)
!
Operating temperature range: -40°C to +125°C
!
±1.5% reset threshold accuracy
!
11 reset threshold voltages VTH: 4.63V, 4.4V, 3.08V,
2.93V, 2.63V, 2.2V, 1.8V, 1.66V, 1.57V, 1.38V, 1.31V
!
200ms reset timeout period (1.6ms, 25ms, 1600ms on
request)
!
1.6s watchdog timeout period (6.2ms, 102ms, 25.6s on
request)
!
3 reset output options:
Active-low RESET push-pull
Active-low RESET open-drain
Active-high RESET push-pull
!
Detection of microcontroller in sleep mode
Applications
!
Workstations
!
Point of sales (POS)
!
Personal computers
!
Routers, hubs and switches
!
Handheld GPS
!
Vending machines and ATM
!
Automotive systems
Pin Configuration
Fig. 3
Pin Description
SOT23-5L
EM6323 EM6324
Name
Function
1
1
RESET
Active-low RESET output (push-pull or open-drain)
2
2
GND
Ground
3
-
MR
Manual Reset input with an internal pull-up 30k
Ω resistor. Reset remains active as long as MR is low
and for tPOR after returns high. MR can be driven with a CMOS output or shorted to ground with a switch
-
3
RESET
Active-high RESET output (push-pull)
4
4
WDI
Watchdog input. WDI must be driven with a CMOS output. If the microcontroller I/O is put in a high
impedance condition, the circuit will detect this condition as a microcontroller in sleep mode and prevent
its watchdog from timing out
5
5
VDD
Supply Voltage (5.5V max.)
EM MICROELECTRONIC - MARIN SA
SOT23-5 top view
1
3
2
5
4
EM6323 (manual reset,
watchdog)
RESET
push-pull
RESET
MR
V
DD
WDI
GND
SOT23-5 top view
1
3
2
5
4
EM6324 (watchdog)
V
DD
WDI
GND
RESET
push-pull/open-drain
V
DD
GND
+
-
Voltage
Reference
MR
Reset
Logic
+ Timer
WDI
Transition
Detector
Watchdog Logic
+ Timer
Oscillator
Filter
RESET
RESET


Similar Part No. - EM6324LXSP5B2.6

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6324LXSP5B2.6

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com