Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX29F010-70PLI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NX29F010-70PLI
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010-70PLI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NX29F010-70PLI Datasheet HTML 6Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 7Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 8Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 9Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 10Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 11Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 12Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 13Page - List of Unclassifed Manufacturers NX29F010-70PLI Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
NX29F010
10
NexFlash Technologies, Inc.
NXPF001F-0600
06/22/00 ©
WRITE OPERATION STATUS
The device provides several bits to determine the status of
a write operation: DQ3, DQ5, DQ6, and DQ7. DQ7 and DQ6
each offer a method for determining whether a program or
erase operation is complete or in progress. Table 6 and the
following subsections describe the functions of these bits.
DQ7:
Data
Data
Data
Data
Data Polling
The
Data Polling bit, DQ7, indicates to the host system
whether an Embedded Algorithm is in progress or com-
pleted.
Data Polling is valid after the rising edge of the final
WE pulse in the program or erase command sequence.
During the Embedded Program algorithm, the device
outputs on DQ7 the complement of the datum programmed
to DQ7. When the Embedded Program algorithm is com-
plete, the device outputs the true datum programmed to
DQ7. The system must provide the program address to read
valid status information on DQ7. If a program address falls
within a protected sector,
Data Polling on DQ7 is active for
approximately 2 µs, then the device returns to reading array
data.
During the Embedded Erase algorithm,
Data Polling pro-
duces a "0" on DQ7. When the Embedded Erase algorithm
is complete,
Data Polling produces a "1" on DQ7. This is
analogous to the complement/true datum output described
for the Embedded Program algorithm: the erase function
changes all the bits in a sector to "1"; prior to this, the device
outputs the "complement," or "0". The system must provide
an address within any of the sectors selected for erasure to
read valid status information on DQ7.
After an erase command sequence is written, if all sectors
selected for erasing are protected,
Data Polling on DQ7 is
active for approximately 100 µs, then the device returns to
reading array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unprotected
sectors, and ignores the selected sectors that are
protected.
When the system detects DQ7 has changed from the
complement to true data, it can read valid data at DQ7-DQ0
on the following read cycles. This is because DQ7 may
change asynchronously with DQ0-DQ6 while Output Enable
(
OE) is asserted low. The Data Polling Timings (During
Embedded Algorithms) figure in the "AC Characteristics"
section illustrates this.
START
READ
DQ7-DQ0
ADDR = VA
NO
NO
YES
YES
YES
DQ5 = 1?
READ
DQ7-DQ0
ADDR = VA
FAIL
PASS
NO
DQ7 = DATA?
DQ7 = DATA?
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within
any sector selected for erasure. During chip erase, a
valid address is any non-protected sector address.
2. DQ7 should be rechecked even if DQ5 ="1" because
DQ7 may change simultaneously with DQ5.
Figure 7.
Data
Data
Data
Data
Data Polling Algorithm
Table 6 shows the outputs for
Data Polling on DQ7.
Figure 7 shows the
Data Polling algorithm.


Similar Part No. - NX29F010-70PLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010-70PLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com