Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8L32512V12AC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI8L32512V12AC
Description  512Kx32 SRAM Module.3.3V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L32512V12AC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI8L32512V12AC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8L32512V12AC Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8L32512V
October. 2000
Rev. 3
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS READ CYCLE
Notes: 1. Parameter is guaranteed by design but not tested.
Parameter
Symbol
12ns
15ns
17ns
20ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
12
15
17
20
ns
Address Access Time
tAVQV
tAA
12
15
17
20
ns
Chip Enable Access
tELQV
tACS
10
12
15
20
ns
Chip Enable to Output in Low Z (1)
tELQX
tCLZ
3
3
3
3
ns
Chip Disable to Output in High Z (1)
tEHQZ
tCHZ
6
7
8
9
ns
Output Hold from Address Change
tAVQX
tOH
3
3
3
3
ns
Output Enable to Output Valid
tGLQV
tOE
6
7
8
9
ns
Output Enable to Output in Low Z (1)
tGLQX
tOLZ
3
3
3
3
ns
Output Disable to Output in High (1)
tGHQZ
tOHZ
6
7
8
9
ns
AC CHARACTERISTICS WRITE CYCLE
Notes: 1. Parameter guaranteed, but not tested.
Parameter
Symbol
12ns
15ns
17ns
20ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
12
15
17
20
ns
Chip Enable to End of Write
tELWH
tELEH
tCW
tCW
8
8
10
10
11
11
12
12
ns
ns
Address Setup Time
tAVWL
tAVEL
tAS
tAS
0
0
0
0
0
0
0
0
ns
ns
Address Valid to End of Write
tAVWH
tAHEH
tAW
tAW
8
8
10
10
11
11
12
12
ns
ns
Write Pulse Width
tWLWH
tELEH
tWP
tWP
8
8
10
10
11
11
12
12
ns
ns
Write Recovery Time
tWHAX
tEHAX
tWR
tWR
0
0
0
0
0
0
0
0
ns
ns
Data Hold Time
tWHDX
tEHDX
tDH
tDH
0
0
0
0
0
0
0
0
ns
ns
Write to Output in High Z (1)
tWLQZ
tWHZ
0
6
0
7
0
8
0
9
ns
Data to Write Time
tDVWH
tDVEH
tDW
tDW
6
6
7
7
8
8
9
9
ns
ns
Output Active from End of Write (1)
tWHQX
tWLZ
3
3
3
3
ns
(VCC = 3.3V, VSS = 0V, tA = 0°C to -70°C)
(VCC = 3.3V, VSS = 0V, tA = 0°C to -70°C)


Similar Part No. - EDI8L32512V12AC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32512C12AC WEDC-EDI8L32512C12AC Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32512C15AC WEDC-EDI8L32512C15AC Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32512C15AI WEDC-EDI8L32512C15AI Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32512C17AC WEDC-EDI8L32512C17AC Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
More results

Similar Description - EDI8L32512V12AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com