Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F712AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F712AN
Description  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F712AN Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F712AN Datasheet HTML 1Page - NXP Semiconductors N74F712AN Datasheet HTML 2Page - NXP Semiconductors N74F712AN Datasheet HTML 3Page - NXP Semiconductors N74F712AN Datasheet HTML 4Page - NXP Semiconductors N74F712AN Datasheet HTML 5Page - NXP Semiconductors N74F712AN Datasheet HTML 6Page - NXP Semiconductors N74F712AN Datasheet HTML 7Page - NXP Semiconductors N74F712AN Datasheet HTML 8Page - NXP Semiconductors N74F712AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
1990 Dec 13
4
LOGIC DIAGRAM – 74F711A/74F711-1
11
10
9
1
2
20
19
18
17
15
14
OE
INV
S
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
Q3
Q2
Q1
Q0
3
4
6
7
VCC = Pin 16
GND = Pin 5
13
12
D4a
D4b
Q4
8
SF01221
FUNCTION TABLE – 74F711A/74F711-1
INPUTS
OUTPUT
S
INV
OE
Dna
Dnb
Qn
L
L
L
Data a
Data b
Data a
H
L
L
Data a
Data b
Data b
L
H
L
Data a
Data b
Data a
H
H
L
Data a
Data b
Data b
X
X
H
X
X
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state


Similar Part No. - N74F712AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F723-1D PHILIPS-N74F723-1D Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
N74F723-1N PHILIPS-N74F723-1N Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
N74F723AD PHILIPS-N74F723AD Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
N74F723AN PHILIPS-N74F723AN Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
N74F725-1D PHILIPS-N74F725-1D Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
More results

Similar Description - N74F712AN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
   CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com