Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C16225A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C16225A
Description  3.3V, High Bandwidth, Low Capacitance 12-Bit to 24-Bit Mux/Demux Bus Switch (16292 Pinout)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C16225A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C16225A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C16225A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C16225A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C16225A Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8458D
03/13/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C16225
3.3V,HighBandwidth,LowCapacitance12-Bitto24-Bit
Mux/DemuxBusSwitch(16292Pinout)
PI3C16225SwitchingCharacteristicsOverOperatingRange
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC= 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the
specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter
is not tested, but is guaranteed by design.
PowerSupplyCharacteristics
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.5ns for 25pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational
delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its
interaction with the load on the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
QV C
C
V
,.
x
a
M
=
N
I
V
r
o
D
N
G
=
C
C
—0
6
20
5
8
A
µ
∆I C
C
H
G
I
H
L
T
T
@
t
u
p
n
I
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
SV C
C
V
,.
x
a
M
=
N
I=
V
0
.
3
)
3
(
——
0
5
7
.
m
o
C
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
.
n
i
M.
x
a
Ms
ti
n
U
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
o
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
5
2
=
RL
0
0
5
=
—5
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B
S0
x
B
r
o
x
A
o
t
CL
F
p
5
2
=
RL
0
0
5
=
0
0
5
=
R
3
.
15
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B
S0
x
B
r
o
x
A
o
t
5
.
15
.
5


Similar Part No. - PI3C16225A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3C16226B PERICOM-PI3C16226B Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
More results

Similar Description - PI3C16225A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
   3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
   3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
   3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
   LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
   3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
logo
STMicroelectronics
ST3DV520A STMICROELECTRONICS-ST3DV520A Datasheet
457Kb / 21P
   High bandwidth switch with 20- to 10-bit MUX/DEMUX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com