Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365AIDBVR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA365AIDBVR
Description  2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA365AIDBVR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA365AIDBVR Datasheet HTML 1Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 2Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 3Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 4Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 5Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 6Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 7Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 8Page - Burr-Brown (TI) OPA365AIDBVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
D RAIL-TO-RAIL INPUT WITHOUT CROSSOVER
D 2.2V OPERATION
D LOW OFFSET: 200µV
D WIDE BANDWIDTH: 50MHz
D CMRR: 100dB (min)
D HIGH SLEW RATE: 25V/µs
D LOW NOISE: 4.5nV//Hz
D LOW THD+NOISE: 0.0006%
D QUIESCENT CURRENT: 5mA (max)
D microPACKAGE: SOT23-5
APPLICATIONS
D SIGNAL CONDITIONING
D DATA ACQUISITION
D PROCESS CONTROL
D ACTIVE FILTERS
D TEST EQUIPMENT
D AUDIO
D WIDEBAND AMPLIFIERS
−120
−100
−80
−60
−40
−20
0
Competitor B
Competitor A
12
34
f
i =10kHz
BW = 30kHz
5
V
IN =VOUT (VPP)
OPA365 vs COMPETITION
+5V
V
IN
OPA365
DESCRIPTION
The OPAx365 zer
-crossover series rail-to-rail high-
performance CMOS operational amplifiers are opti-
mized for very low voltage, single-supply applications.
Rail-to-rail input/output, low-noise (4.5nV/
√Hz) and
high-speed operations (50MHz Gain Bandwidth) make
them ideal for driving sampling analog-to-digital con-
verters (ADCs). Applications incude audio, signal con-
ditioning, and sensor amplification. The OPA365 family
of op amps are well-suited for cell phone power amplifi-
er control loops.
Special features include excellent common-mode re-
jection ratio (CMRR), no input stage crossover distor-
tion, high input impedance and rail-to-rail input and out-
put swing. The input common-mode range includes
both the negative and positive supplies. The output volt-
age swing is within 10mV of the rails.
The OPA365 (single version) is available in the micro-
SIZE SOT23-5 and SO-8 packages. The OPA2365
(dual version) is offered in the microSIZE DFN-8 (3mm
x 3mm) and SO-8 packages. All versions are specified
for operation from −40
°C to +125°C. Single and dual
versions have identical specifications for maximum de-
sign flexibility.
PACKAGE
OPA365
OPA2365
SOT23-5
n
SO-8(1)
n
n
DFN-8(1)
n
(1) Available Q3, 2006.
OPA365
OPA2365
SBOS365A − JUNE 2006 − REVISED JULY 2006
2.2V, 50MHz, Low-Noise,
Single-Supply Rail-to-Rail
OPERATIONAL AMPLIFIERS
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA365AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365AIDBVR TI1-OPA365AIDBVR Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA365AIDBVR TI1-OPA365AIDBVR Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
OPA365AIDBVRG4 TI1-OPA365AIDBVRG4 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
More results

Similar Description - OPA365AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com