Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8L32512C15AI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # EDI8L32512C15AI
Description  512Kx32 CMOS High Speed Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L32512C15AI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  EDI8L32512C15AI Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 5Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 6Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 7Page - White Electronic Designs Corporation EDI8L32512C15AI Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8L32512C
August 2000
Rev. 7
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
WRITE CYCLE 2 - E# CONTROLLED
FIG. 7
A
tAVEL
HIGH Z
tAVAV
tELEH
E
tAVEH
tEHAX
W#
tWLEH
tEHDX
tDVEH
Q
DATA VALID
D
Commercial (0°C to +70°C)
ORDERING INFORMATION
Part Number
Speed
(ns)
Package
No.
EDI8L32512C12AC*
12
99
EDI8L32512C15AC
15
99
EDI8L32512C17AC
17
99
EDI8L32512C20AC
20
99
Industrial (-40°C to +85°C)
Part Number
Speed
(ns)
Package
No.
EDI8L32512C15AI*
15
99
EDI8L32512C17AI
17
99
EDI8L32512C20AI
20
99
PACKAGE DRAWING
Package No. 99
68 Lead PLCC
JEDEC MO-47AE
Weight = 4.2g
Theta JA = 40°C/W
Theta JC = 15°C/W
Package No. 99
68 lead PLCC
0.956
Max
0.995
Max
0.956
Max
0.995
Max
0.180
Max
0.115
Max
0.040
Max
0.050
BSC
0.020
0.015
0.930
0.890
Coplanarity (lowest lead to highest lead)0.004


Similar Part No. - EDI8L32512C15AI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V12AC WEDC-EDI8L32512V12AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V15AC WEDC-EDI8L32512V15AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V15AI WEDC-EDI8L32512V15AI Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
EDI8L32512V17AC WEDC-EDI8L32512V17AC Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
More results

Similar Description - EDI8L32512C15AI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
logo
White Electronic Design...
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com