Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6323LZSP5B1.6 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6323LZSP5B1.6
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6323LZSP5B1.6 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6323LZSP5B1.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6323LZSP5B1.6 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
9
www.emmicroelectronic.com
Watchdog Input
If the watchdog timer has not been cleared within tWD
(1.6s typ.), reset asserts. The internal 1.6s timer is
cleared by either a reset pulse or by toggling WDI. While
reset is asserted, the timer remains cleared and does not
count. As soon as reset is released, the timer starts
counting.
If the microcontroller I/O connected to WDI is put in a
high impedance condition, the circuit will detect this
condition as a microcontroller in sleep mode and prevent
its watchdog from timing out. To monitor a high
impedance or a three state condition on WDI, the
watchdog input is internally driven low during the first
15/16 of the watchdog timeout period and high for the
last 1/16 of the watchdog timeout period.
When WDI is left unconnected, this internal driver clears
the 1.6s timer every 1.5s. When WDI is three-stated or
unconnected, the maximum allowable leakage current is
0.5µA.
To minimized the overall system power consumption and
therefore for a minimum watchdog input current leave
WDI low for the majority of the watchdog timeout period,
pulsing it low-high-low once within the first 15/16 of the
watchdog timeout period to reset the watchdog timer. If
WDI is externally driven high for the majority of the
timeout period, up to 35µA can flow into WDI. Meanwhile
when the microcontroller is not in sleep mode, the output
of the microcontroller which drives WDI has to be strong
enough to fight the 35µA.
RESET
1/16 t
WD
15/16 t
WD
V
DD
t
POR
WDI Pullup OFF
ON
OFF
WDI Pulldown ON
OFF
ON
t
WD
Fig. 15
WDI Input Timing Diagram
V
DD
GND
WDI
Transition
Detector
Watchdog Logic
+ Timer
1/16 t
WD
15/16 t
WD
Pullup
Pulldown
Fig. 16
WDI Input Stage Block Schematic
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100 125
[ °C ]
[ uA ]
Fig. 17
WDI Input Current Low-level IIL vs. Temperature
(VDD=5.5V)
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100 125
[ °C ]
[ uA ]
Fig. 18
WDI Input Current High-Level IIH vs. Temperature
(VDD=5.5V)


Similar Part No. - EM6323LZSP5B1.6

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6323FR16BS-45L EMLSI-EM6323FR16BS-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-45LL EMLSI-EM6323FR16BS-45LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-85L EMLSI-EM6323FR16BS-85L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BS-85LL EMLSI-EM6323FR16BS-85LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6323FR16BU-45L EMLSI-EM6323FR16BU-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6323LZSP5B1.6

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com