Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6324LYSP5B1.6 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6324LYSP5B1.6
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6324LYSP5B1.6 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6324LYSP5B1.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.6 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
6
www.emmicroelectronic.com
Typical Operating Characteristics
(Typical values are at TA=+25°C unless otherwise noted. WDI, MR , RESET and RESET open.)
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
125
[ °C ]
[ uA ]
V
DD 3 . 3 V
V
DD 5 . 0 V
V
DD 1. 5 V
Fig. 6
IDD vs. Temperature
[ °C ]
60%
80%
100%
120%
140%
160%
-50
-25
0
25
50
75
100
125
t
POR (°C)
t
POR (25°C)
Fig. 8
Reset Timeout Period tPOR vs. Temperature
(normalized with respect to tPOR 25°C)
[ °C ]
-6%
-4%
-2%
0%
2%
4%
6%
-50
-25
0
25
50
75
100 125
Fig. 7
Threshold Voltage Variation vs. Temperature
(normalized)
[ °C ]
60%
80%
100%
120%
140%
160%
-50
-25
0
25
50
75
100
125
t
WD (°C)
t
WD (25°C)
Fig. 9
Watchdog Timeout Period tWD vs. Temperature
(normalized with respect to tWD 25°C)


Similar Part No. - EM6324LYSP5B1.6

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6324LYSP5B1.6

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com