Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX29F010 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NX29F010
Description  1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX29F010 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NX29F010 Datasheet HTML 12Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 13Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 14Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 15Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 16Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 17Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 18Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 19Page - List of Unclassifed Manufacturers NX29F010 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
NX29F010
16
NexFlash Technologies, Inc.
NXPF001F-0600
06/22/00 ©
AC CHARACTERISTICS: ERASE AND PROGRAM
Std.
-35
-45
-55
-70
-90
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time(1)
35
45
45
45
90
ns
tAS
Address Setup Time
0
0
0
0
0
ns
tAH
Address Hold Time
30
35
45
45
45
ns
tDS
Data Setup Time
15
20
20
30
45
ns
tDH
Data Hold Time
0
0
0
0
0
ns
tGHWL
Read Recovery Time before Write 0
0
0
0
0
ns
(
OE HIGH to WE LOW)
tCS
CE Setup Time
0
0
0
0
0
ns
tCH
CE Hold Time
0
0
0
0
0
ns
tWP
Write Pulse Width
20
25
30
35
45
ns
tWPH
Write Pulse Width HIGH
20
20
20
20
20
ns
tWHWH1
Byte Programming Operation(2)
20
20
20
20
20
µs
tWHWH2
Sector Erase Operation(2)
1.0
1.0
1.0
1.0
1.0
sec
tVCS
VCC Setup Time(1)
50
50
1.0
1.0
1.0
µs
Note:
1. Not 100% tested.
TEST CONDITIONS
Table 6. AC Test Specifications
TestConditions
35 ns
AllOthers
Unit
OutputLoad
1 TTL Gate
Output Load Capacitance, CL
30
100
pF
(including jig capacitance)
Input Rise and Fall Times
5
20
ns
Input Pulse Levels
0 to 3.0
0.45 to 2.4
V
InputTimingMeasurement
1.5
0.8
V
ReferenceLevels
OutputTimingMeasurement
1.5
2.0
V
ReferenceLevels
DEVICE
UNDER
TEST
6.2K
2.7K
Vcc = 5.0V
CL
Figure 12. Test Setup


Similar Part No. - NX29F010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX200105 ETC2-NX200105 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200106 ETC2-NX200106 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200107 ETC2-NX200107 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
NX200108 ETC2-NX200108 Datasheet
274Kb / 2P
   SynJet ZFlow 90 Outdoor Cooler
logo
NIHON DEMPA KOGYO
NX2012SA NDK-NX2012SA Datasheet
236Kb / 1P
   Crystal Units, For OA / AV / Mobile Communications
More results

Similar Description - NX29F010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com