Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32512C20MMC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI8F32512C20MMC
Description  512Kx32 Static RAM CMOS, High Speed Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32512C20MMC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI8F32512C20MMC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32512C20MMC Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI8F32512C
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2006
Rev. 9
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED DC OPERATING
CONDITIONS
DC ELECTRICAL CHARACTERISTICS
CAPACITANCE
TRUTH TABLE
(f=1.0MHz, VIN=VCC or VSS)
*Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
(Note: For TEHQZ,TGHQZ and TWLQZ, CL = 5pF)
*Typical: TA = 25°C, VCC = 5.0V
These parameters are sampled, not 100% tested.
Voltage on any pin relative to VSS
-0.5V to 7.0V
Operating Temperature TA (Ambient)
Commercial
0°C to +70°C
Industrial
-40°C to +85°C
Storage Temperature, Plastic
-55°C to +125°C
Power Dissipation
5.0 Watts
Output Current
20 mA
Parameter
Sym
Min
Typ
Max
Units
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Voltage
VSS
00
0
V
Input High Voltage
VIH
2.2
--
6.0
V
Input Low Voltage
VIL
-0.3
--
0.8
V
AC TEST CONDITIONS
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
1TTL, CL = 30pF
Parameter
Sym
Conditions
Min
Typ*
Max
Units
Operating Power Supply Current
ICC1
W#, E# = VIL, II/O = 0mA, Min Cycle
800
mA
Standby (TTL) Power Supply Current
ICC2
E > VIH, VIN > VIL or VIN > VIH
300
mA
Full Standby Power Supply Current
CMOS
ICC3
E > VCC-0.2V
VIN > VCC=0.2V or VIN > 0.2V
80
mA
Input Leakage Current
ILI
VIN = 0V to VCC
--
--
±20
µA
Output Leakage Current
ILO
V I/O = 0V TO VCC
--
--
±20
µA
Output High Voltage
VOH
IOH = -4.0mA
2.4
--
--
V
Output Low Voltage
VOL
IOL = 8.0mA
--
--
0.4
V
E#
W#
G#
Mode
Output
Power
H
X
X
Standby
HIGH Z
ICC2/ICC3
L
H
L
Read
DOUT
ICC1
L
L
X
Write
DIN
ICC1
L
H
H
Output
Deselect
HIGH Z
ICC1
Parameter
Sym
Max
Unit
Address Lines
CI
45
pF
Data Lines
CD/Q
20
pF
Chip Enable Line
CC
20
pF
Write Line
CN
45
pF


Similar Part No. - EDI8F32512C20MMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MMC WEDC-EDI8F32512V15MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MZC WEDC-EDI8F32512V15MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MMC WEDC-EDI8F32512V20MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MZC WEDC-EDI8F32512V20MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32512C20MMC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com