Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8L24129V12BI Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # EDI8L24129V12BI
Description  128Kx24 SRAM 3.3 Volt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L24129V12BI Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  EDI8L24129V12BI Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 5Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 6Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 7Page - White Electronic Designs Corporation EDI8L24129V12BI Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8L24129V
March 2005
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Package No. 391
119 Lead BGA
JEDEC MO-163
PACKAGE DESCRIPTION
Industrial (-40°C to +85°C)
Part Number
Speed
(ns)
Package
No.
EDI8L24129V10BI
10
391
EDI8L24129V12BI
12
391
EDI8L24129V15BI
15
391
Commercial (0°C to +70°C)
Part Number
Speed
(ns)
Package
No.
EDI8L24129V10BC
10
391
EDI8L24129V12BC
12
391
EDI8L24129V15BC
15
391
ORDERING INFORMATION
0.300
BSC
0.800
BSC
0.866
BSC
PIN 1
INDEX
0.050
TYP
0.551
BSC
0.028
MAX.
0.060 NOM./0.110 MAX.


Similar Part No. - EDI8L24129V12BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
EDI8L24128C12BC WEDC-EDI8L24128C12BC Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
EDI8L24128C12BI WEDC-EDI8L24128C12BI Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
EDI8L24128C15BC WEDC-EDI8L24128C15BC Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
EDI8L24128C15BI WEDC-EDI8L24128C15BI Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
More results

Similar Description - EDI8L24129V12BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
logo
Austin Semiconductor
AS5LC512K8 AUSTIN-AS5LC512K8_09 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
285Kb / 12P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Central Semiconductor C...
CPZ35R CENTRAL-CPZ35R Datasheet
606Kb / 2P
   3.3 Volt TVS Chip
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
ON Semiconductor
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com