Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6354XSC4B-1.8 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6354XSC4B-1.8
Description  Reset Circuit with Adjustable Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6354XSC4B-1.8 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6354XSC4B-1.8 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6354XSC4B-1.8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EM6354
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
3
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to GND
VDD
-0.3V to +6V
Minimum voltage at any signal
pin
VMIN
GND - 0.3V
Maximum voltage at any signal
pin
VMAX
VDD + 0.3V
Electrostatic discharge max. to
MIL-STD-883C method 3015.7
with ref. to VSS
VESD
2000V
Max. soldering conditions
TMAX
250°C x 10s
Storage Temperature Range
TSTG
-65°C to +150°C
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min Max Unit
Supply voltage (note 1)
VDD
0.8
5.5
V
Operating Temperature
TA
-40 +125 °C
Electrical Characteristics
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=+25°C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
+25°C
-
4.6
VDD=1.5V
-40°C to +125°C
-
2.3
7
+25°C
-
5.5
VDD=3.3V
-40°C to +125°C
-
2.9
8.3
+25°C
-
6.3
Supply current (note 2)
IDD
VDD=5.0V
-40°C to +125°C
-
3.4
9.6
µA
EM6354 – 1.3
1.290
1.31
1.330
EM6354 – 1.4
1.359
1.38
1.401
EM6354 – 1.6
1.546
1.57
1.594
EM6354 – 1.7
1.635
1.66
1.685
EM6354 – 1.8
1.773
1.80
1.827
EM6354 – 2.2
2.167
2.20
2.233
EM6354 – 2.6
2.591
2.63
2.669
EM6354 – 2.9
2.886
2.93
2.974
EM6354 – 3.1
3.034
3.08
3.126
EM6354 – 4.4
4.334
4.40
4.466
Threshold voltage
(note 3)
VTH
EM6354 – 4.6
4.561
4.63
4.699
V
Threshold voltage
temperature coefficient
(note 4)
A
TH
T
V
TA = -40°C to +125°C
-
±50
-
ppm/°C
Threshold hysteresis
VHYS
-
2.1%VTH
-
V
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
VDD min=0.9V for active-high versions (EM6354Z).
Note 2: RESET (RESET) open.
Note 3: Threshold voltage is specified for VDD falling.
Note 4: Typical variation ∆VTH of VTH at a given temperature TA is calculated as follows:
C
25
T
V
T
V
)
T
T
(
V
A
TH
A
TH
A
TH
°
×
×
=
=
Example:
for version VTH=2.93V, variation at TA=70°C is equal to ∆VTH(70°C)=±5010
-6 x 2.93 x (70-25)=±6.59mV


Similar Part No. - EM6354XSC4B-1.8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6354XSC4B-1.8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Diodes Incorporated
PT7M3808 DIODES-PT7M3808 Datasheet
461Kb / 10P
   Power-On Reset Generator with Adjustable Delay
Sept 2017
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com