Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA-1118Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SPA-1118Z
Description  850 MHz 1 Watt Power Amplifier with Active Bias
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-1118Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SPA-1118Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-1118Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-1118Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-1118Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-1118Z Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SPA-1118 850 MHz 1 Watt Power Amp.
EDS-101427 Rev I
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Court, Broomfield, CO 80021
Pin #
Function
Description
Device Schematic
1
Vcc
VCC is the supply voltage for the active bias network.
Bypassing in the appropriate location as shown on
application schematic is required for optimum RF
performance.
2
Vbias
Vbias is the bias control pin for the active bias network.
Device current is set by the current into this pin.
Recommended configuration is shown in the Application
Schematic. Bypassing in the appropriate location as
shown on application schematic is required for optimum
RF performance.
3
RF In
RF input pin. This pin requires the use of an external
DC blocking capacitor chosen for the frequency of
operation.
4, 5
N/C
No connection
6
RF Out/Vcc RF output and bias pin. Bias should be supplied to this
pin through an external RF choke. Because DC biasing
is present on this pin, a DC blocking capacitor should
be used in most applications (see application
schematic). The supply side of the bias network should
be well bypassed. An output matching network is
necessary for optimum performance.
7, 8
N/C
No connection
EPAD
Gnd
Exposed area on the bottom side of the package needs
to be soldered to the ground plane of the board for
thermal and RF performance. Several vias should be
located under the EPAD as shown in the recommended
land pattern (page 5).
2
3
1
6
ACTIVE BIAS
NETWORK
4,5,7,8 N/C
Absolute Maximum Ratings
Parameter (Ta = 25ºC)
Absolute
Limit
Max. Supply Current (I
CC) at VCC typ.
750 mA
Max. Device Voltage (V
CC) at ICC typ.
6.0 V
Max. RF Input Power
24 dBm
Max. Junction Temp. (T
J)
+160 ºC
Max. Storage Temp.
+150 ºC
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating values
specified in the table on page one.
Bias Conditions should also satisfy the following expression:
I
CCVCC (max) < (TJ - TL)/Rth,j-l
Caution: ESD sensitive
Appropriate precautions in handling,
packaging and testing devices must be
The Moisture Sensitivity Level rating for this device
is level 1 (MSL-1) based on the JEDEC 22-A113
standard classification. No special moisture
packaging/handling is required during storage,
shipment, or installation of the devices.


Similar Part No. - SPA-1118Z

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1118Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com