Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8G32512C25MZI-G Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI8G32512C25MZI-G
Description  512Kx32 Static RAM CMOS, High Speed Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8G32512C25MZI-G Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI8G32512C25MZI-G Datasheet HTML 1Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 2Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 3Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 4Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 5Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 6Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 7Page - White Electronic Designs Corporation EDI8G32512C25MZI-G Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI8F32512C
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2006
Rev. 9
FEATURES
512Kx32 bit CMOS Static
Random Access Memory
Access Times: 15, 20, and 25ns
Individual Byte Selects
Fully Static, No Clocks
TTL Compatible I/O
High Density Package
72 Pin ZIP, No. 173
72 lead SIMM, No. 174 (Gold Option)
Common Data Inputs and Outputs
Single +5V (±10%) Supply Operation
Note: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
The EDI8F32512C is a high speed 16 megabit Static RAM
module organized as 512K words by 32 bits. This module is
constructed from four 512Kx8 Static RAMs in SOJ packages
on an epoxy laminate (FR4) board.
Four chip enables (EØ-E3) are used to independently
enable the four bytes. Reading or writing can be executed on
individual bytes or any combination of multiple bytes through
proper use of selects.
The EDI8F32512C is offered in 72 pin ZIP and 72 lead SIMM
packages, which enable 16 megabits of memory to be placed
in less than 1.3 square inches of board space.
All inputs and outputs are TTL compatible and operate from
a single 5V supply. Fully asynchronous circuitry requires no
clocks or refreshing for operation and provides equal access
and cycle times for ease of use.
Pins PD1- PD4, are used to identify module memory density in
applications where alternate modules can be interchanged.
512Kx32 Static RAM CMOS, High Speed Module
Pin Configurations and Block Diagram
Pin Names
FIG. 1
NC
PD3
PD0
DQ0
DQ1
DQ2
DQ3
VCC
A7
A8
A9
DQ4
DQ5
DQ6
DQ7
W#
A14
E0#
E2#
A16
VSS
DQ16
DQ17
DQ18
DQ19
A10
A11
A12
A13
DQ20
DQ21
DQ22
DQ23
VSS
NC
NC
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
70
72
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59
61
63
65
67
69
71
NC
PD2
VSS
PD1
DQ8
DQ9
DQ10
DQ11
A0
A1
A2
DQ12
DQ13
DQ14
DQ15
VSS
A15
E1#
E3#
A17
G#
DQ24
DQ25
DQ26
DQ27
A3
A4
A5
VCC
A6
DQ28
DQ29
DQ30
DQ31
A18
NC
8G32512C Pin Config.
PD2= VSS
PD0, PD1, PD3= OPEN
A0-A18
Address Inputs
E0#-E3#
Chip Enables
W#
Write Enable
G#
Output Enable
DQ0-DQ31
Common Data
Input/Output
VCC
Power (+5V±10%)
VSS
Ground
NC
No Connectiona
8G32512C Blk Dia.
A0-A18
W#
G#
E0#
E1#
E2#
E3#
DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
512K
X 8
512K
X 8
512K
X 8
512K
X 8


Similar Part No. - EDI8G32512C25MZI-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI816256CAXF44B WEDC-EDI816256CAXF44B Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI816256CAXF44C WEDC-EDI816256CAXF44C Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI816256CAXF44I WEDC-EDI816256CAXF44I Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI816256CAXF44M WEDC-EDI816256CAXF44M Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
More results

Similar Description - EDI8G32512C25MZI-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com