Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8L24128C12BC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI8L24128C12BC
Description  128Kx24 Asynchronous SRAM, 5V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8L24128C12BC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI8L24128C12BC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8L24128C12BC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8L24128C12BC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8L24128C12BC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8L24128C12BC Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EDI8L24128C
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
January 2002
Rev. 1
FIG. 3
WRITE CYCLE — W# CONTROLLED
FIG. 4
WRITE CYCLE — E# CONTROLLED
E#
A
tAVAV
tELWH
tAVWH
tWLWH
tAVWL
tWHAX
W#
HIGH Z
DATA VALID
tWLQZ
tWHQX
tDVWH
tWHDX
Q
D
A
tAVEL
HIGH Z
tAVAV
tELEH
E#
tAVEH
tEHAX
W#
tWLEH
tEHDX
tDVEH
Q
DATA VALID
D
ADDRESS 1
ADDRESS 2
tAVAV
DATA 1
DATA 2
tAVQV
tAVQX
A
Q
FIG. 2
TIMING WAVEFORM — READ CYCLE
tGHQZ
tELQV
tELQX
E#
G#
Q
tEHQZ
A
tAVAV
tGLQV
tGLQX
tAVQV
Read Cycle 2 (W# High)
Read Cycle 1 (W# High; G, E Low)


Similar Part No. - EDI8L24128C12BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L24129V WEDC-EDI8L24129V Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
EDI8L24129V10BC WEDC-EDI8L24129V10BC Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
EDI8L24129V10BI WEDC-EDI8L24129V10BI Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
EDI8L24129V12BC WEDC-EDI8L24129V12BC Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
EDI8L24129V12BI WEDC-EDI8L24129V12BI Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
More results

Similar Description - EDI8L24128C12BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L24129V WEDC-EDI8L24129V Datasheet
240Kb / 8P
   128Kx24 SRAM 3.3 Volt
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
GSI Technology
GS73024AB GSI-GS73024AB Datasheet
613Kb / 12P
   Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24514V WEDC-WED8L24514V Datasheet
612Kb / 5P
   Asynchronous SRAM, 3.3V, 512Kx24
WED8L24513V WEDC-WED8L24513V Datasheet
364Kb / 6P
   Asynchronous SRAM, 3.3V, 512Kx24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com