Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6153055 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6153055
Description  5V Automotive Regulator with Inhibit Input and Windowed Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6153055 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6153055 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 11Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
R
EM6153
Copyright © 2006, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
06/06, rev. B, prelim.
Functional Description
VIN Monitoring
The power-on reset and the power-down reset are
generated as a response to the external voltage level
applied on the VIN input. The threshold voltage at which
reset is asserted or released (VRESET) is determined by the
external voltage divider between VDD and VSS, as shown on
Fig. 8. A part of VDD is compared to the internal voltage
reference. To determine the values of the divider, the
leakage current at VIN must be taken into account as well as
the current consumption of the divider itself. Low resistor
values will need more current, but high resistor values will
make the reset threshold less accurate at high temperature,
due to a possible leakage current at the VIN input. The sum
of the two resistors (R1 + R2) should stay below 500 kΩ. The
formula is:
VRESET = VREF x (1 + R1/R2).
Example: choosing R1 = 200 kΩ and R2 = 100 kΩ gives
VRESET =4.56 V (typical) for version V50 and V53.
At power-up the reset output ( RES ) is held low (see Fig. 5).
When VIN becomes greater than VREF, the RES output is
held low for an additional power-on-reset (POR) delay TPOR
(defined with the external resistor connected at ROSC pin).
The TPOR delay prevents repeated toggling of RES even if
VDD voltage drops out and recovers. The TPOR delay allows
the microprocessor’s crystal oscillator time to start and
stabilize and ensures correct recognition of the reset signal
to the microprocessor.
The RES output goes active low generating the power-
down reset whenever VIN falls below VREF. The sensitivity or
reaction time of the internal comparator to the voltage level
on VIN is typically 3 μs.
Timer Programming
The on-chip oscillator allows the user to adjust the power-on
reset (POR) delay TPOR and the watchdog time TWD by
changing the resistor value of the external resistor ROSC
connected between the pin ROSC and VSS (see Fig. 8). The
closed and open window times (TCW and TOW) as well as the
watchdog reset pulse width (TWDR), which are TTCL
dependent, will vary accordingly. The watchdog time TWD
can be obtained with figures 9 to 12 or with the Excel
application EM6151ResCalc.xls available on EM website.
TPOR is equal to TWD with the minimum and maximum
tolerances increased by 1% (For Version 53, TPOR is one
fourth of TWD).
Note that the current consumption increases as the
frequency increases.
Voltage Regulator
The EM6153 has a 5 V, 150 mA, low dropout voltage
regulator. The low supply current makes the EM6153
particularly suitable for automotive systems which remain
continuously powered. The input voltage range is 4 V to 40
V for operation and the input protection includes both
reverse battery (42 V below ground) and load dump
(positive transients up to 45 V). There is no reverse current
flow from the OUTPUT to the INPUT when the INPUT
equals VSS. This feature is important for systems which
need to implement (with capacitance) a minimum power
supply hold-up time in the event of power failure. To achieve
good load regulation a 10
μF capacitor (or greater) is
needed on the INPUT (see Fig. 8). Tantalum or aluminum
electrolytic are adequate for the 10
μF capacitor; film types
will work but are relatively expensive. Many aluminum
electrolytic have electrolytes that freeze at about –30°C, so
tantalums are recommended for operation below –25°C.
The important parameters of the 10
μF capacitor are an
effective series resistance of lower than 4
Ω and a resonant
frequency above 500 kHz.
A 10
μF capacitor (or greater) and a 100 nF capacitor are
required on the OUTPUT to prevent oscillations due to
instability. The specification of this 10
μF capacitor is as per
the 10
μF capacitor on the INPUT (see previous paragraph).
The EM6153 will remain stable and in regulation with no
external load and the dropout voltage is typically constant as
the input voltage fall below its minimum level (see Table 2).
These features are especially important in CMOS RAM
keep-alive applications.
Power Dissipation
Care must be taken not to exceed the maximum junction
temperature (+125°C). The power dissipation within the
EM6153 is given by the formula:
PTOTAL = (VINPUT – VOUTPUT) × IOUTPUT + (VINPUT) × ISS
The maximum continuous power dissipation at a given
temperature can be calculated using the formula:
PMAX = ( 125°C – TA) / Rth(j-a)
where Rth(j-a) is the thermal resistance from the junction to
the ambient and is specified in Table 2. Note that Rth(j-a)
given in Table 2 assumes that the package is soldered to a
PCB (see figure 16). The above formula for maximum power
dissipation assumes a constant load (i.e. >100 s). The
transient thermal resistance for a single pulse is much lower
than the continuous value.
CAN-Bus Sleep Mode Detector (version 55)
When the microcontroller goes into a standby mode, it
implies that it does not send any pulses on the TCL input of
the EM6153. After three reset pulse periods (TCW + TOW +
TWDR) on the RES output, the circuit switches on an internal
resistor of 1 M
Ω, and it will have a reset pulse of typically 3
ms every 1 second on the RES output. When a TCL edge
(rising or falling) appears on the TCL input or the power
supply goes down and up, the circuit switches to the ROSC.
Watchdog Timeout Period Description
The watchdog timeout period is divided into two periods, a
closed window period (TCW) and an open window period
(TOW), see Fig. 4. If no pulse is applied on the TCL input
during the open window period TOW, the RES output goes
low for a time TWDR. When a pulse is applied on the TCL
input, the cycle is restarted with a close window period.
For example if TWD = TPOR = 100ms, TCW = 80 ms, TOW =
40ms and TWDR = 2.5ms.
When VIN recovers after a drop below VREF, the pad RES is
set low for the time TPOR during which any TCL activation is
disabled.


Similar Part No. - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6151 EMMICRO-EM6151 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30 EMMICRO-EM6151V30 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8A EMMICRO-EM6151V30SO8A Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8B EMMICRO-EM6151V30SO8B Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V50 EMMICRO-EM6151V50 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
More results

Similar Description - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com