Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6153055 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6153055
Description  5V Automotive Regulator with Inhibit Input and Windowed Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6153055 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6153055 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
R
EM6153
Copyright © 2006, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
06/06, rev. B, prelim.
Voltage Monitoring
Fig. 5
Timer Reaction
Fig. 6
Combined Voltage and Timer Reaction
Fig. 7
12
3
T
CW
- Watchdog timer reset
3 correct TCL services
EN goes active low
T
OW
T
POR
V
IN
V
REF
TCL
RES
EN
T
CW+TOW
TCL
too early
Condition:
V
OUTPUT > 3V
T
TCL
12
3
- Watchdog timer reset
Conditions: V
IN > VREF after power-up sequence
T
CW + TOW
T
CW
T
OW
T
CW + TOW
T
CW + TOW
T
WDR
T
CW
T
TCL
T
CW
TCL
RES
EN
3 correct TCL services
EN goes active low
Timeout
T
TCL
T
SEN
T
SEN
T
SEN
T
SEN
V
HY
V
IN
V
REF
T
POR
T
POR
RES
Conditions:
V
OUTPUT > 3V
No timeout


Similar Part No. - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6151 EMMICRO-EM6151 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30 EMMICRO-EM6151V30 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8A EMMICRO-EM6151V30SO8A Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8B EMMICRO-EM6151V30SO8B Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V50 EMMICRO-EM6151V50 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
More results

Similar Description - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com