Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6153055 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6153055
Description  5V Automotive Regulator with Inhibit Input and Windowed Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6153055 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6153055 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R
EM6153
Copyright © 2006, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
06/06, rev. B, prelim.
Timing Characteristics
VINPUT = 13.5 V, IL = 100 μA, CL = 10 μF + 100 nF, CINPUT = 22 μF, VINH = 5 V, Tj = -40 to + 125 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Propagation delay TCL to Output Pins
TDIDO
250
500
ns
VIN sensitivity
TSEN
VINhigh=1.1xVREF, VINlow=0.9xVREF
0.5
3
15
μs
Watchdog Reset Pulse Period
TWDRP
TCL
inactive
TCW + TOW+ TWDR
ms
Version V50
Power-on Reset delay
TPOR
ROSC= 121.6 kΩ ±1%
91.6
100
108.3
Closed Window Time
TCW
74
80
85.76
Open Window Time
TOW
37
40
42.88
ms
Watchdog Time
TWD
92.5
100
107.2
Watchdog Reset Pulse Width if no TCL
TWDR
2.25
2.5
2.75
Version V53
Power-on Reset delay
TPOR
ROSC = 23.2 kΩ ±1%
4.57
5.0
5.44
Closed Window Time
TCW
9.24
10
10.77
Open Window Time
TOW
18.48
20
21.54
ms
Watchdog Time
TWD
18.48
20
21.54
Watchdog Reset Pulse Width if no TCL
TWDR
0.56
0.625
0.69
Version V55
Power-on Reset delay
TPOR
ROSC = 107.5 kΩ ±1%
91.6
100
108.3
Closed Window Time
TCW
74
80
85.76
Open Window Time
TOW
37
40
42.88
Watchdog Time
TWD
92.5
100
107.2
ms
Watchdog Reset Pulse Width if no TCL
TWDR
2.25
2.5
2.75
Watchdog Reset Pulse Width in Sleep Mode
TWDRS
ROSC off; RINT=1MΩ
2.8
3.2
3.6
Watchdog Reset Pulse Period in Sleep Mode
TWDRPS
TCL
inactive
750
1100
1450
Table 4
For different values of TWD and ROSC, see figures 9 to 11.
Timing Waveforms
Watchdog Timeout Period
Fig. 4
T
CW (closed window)
T
OW (open)
T
WD
80
120
Time [ms]
Watchdog
timer reset
( V30, V50 and V55 have similar ratios for T
CW and TOW )
Version V50:
T
CW (closed)
T
OW (open)
10
30
Time [ms]
Watchdog
timer reset
Version V53:
For R
OSC=121.6 kOhm
For R
OSC=23.2 kOhm
T
WD


Similar Part No. - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6151 EMMICRO-EM6151 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30 EMMICRO-EM6151V30 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8A EMMICRO-EM6151V30SO8A Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8B EMMICRO-EM6151V30SO8B Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V50 EMMICRO-EM6151V50 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
More results

Similar Description - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com