Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F81024C100BSC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI8F81024C100BSC
Description  1Mx8 Static RAM CMOS, Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F81024C100BSC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI8F81024C100BSC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F81024C100BSC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F81024C100BSC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F81024C100BSC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F81024C100BSC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F81024C100BSC Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EDI8F81024C
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2002
Rev. 8
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS WRITE CYCLE
E#
A
TAVAV
TELWH
TAVWH
TWLWH
TAVWL
TWHAX
W#
HIGH Z
DATA VALID
TWLQZ
TWHQX
TDVWH
TWHDX
Q
D
WRITE CYCLE 1 - W# CONTROLLED
Note 1: Parameter guaranteed, but not tested.
Symbol
70ns
85ns
100ns
Parameter
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Units
Write Cycle Time
TAVAV
TWC
70
85
100
ns
Chip Enable to End of Write
TELWH
TELEH
TCW
TCW
65
65
70
70
80
80
ns
ns
Address Setup Time
TAVWL
TAVEL
TAS
TAS
0
0
0
0
0
0
ns
ns
Address Valid to End of Write
TAVWH
TAVEH
TAW
TAW
65
65
70
70
80
80
ns
ns
Write Pulse Width
TWLWH
TWLEH
TWP
TWP
65
65
70
70
80
80
ns
ns
Write Recovery Time
TWHAX
TEHAX
TWR
TWR
0
0
0
0
0
0
ns
ns
Data Hold Time
TWHDX
TEHDX
TDH
TDH
0
0
0
0
0
0
ns
ns
Write to Output in High Z (1)
TWLQZ
TWHZ
0
30
0
35
0
40
ns
Data to Write Time
TDVWH
TDVEH
TDW
TDW
30
30
35
35
40
40
ns
ns
Output Active from End of Write (1)
TWHQX
TWLZ
5
5
5
ns


Similar Part No. - EDI8F81024C100BSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
EDI8F81026C20M6C ETC1-EDI8F81026C20M6C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
EDI8F81026C35M6C ETC1-EDI8F81026C35M6C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
EDI8F81026C85M6C ETC1-EDI8F81026C85M6C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results

Similar Description - EDI8F81024C100BSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com