Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4450A5WT7E Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM4450A5WT7E
Description  1 KBit Read/Write Contactless Identification Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450A5WT7E Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM4450A5WT7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4450A5WT7E Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
Communication from Transponder to the Transceiver (READ MODE)
The EM4450/4550 modulates the amplitude of the RF field to transmit data to the transceiver. Data are output serially from
the EEPROM and Manchester encoded.
1 bit 64 periods of RF field (Opt64)
32 periods of RF field (Opt32)
Coded Data Measured on the COIL
Data from EEPROM
32 periods (Opt64)
16 periods (Opt32)
1 bit
1 bit
1 bit
Opt64 is the chip option with a bit period corresponding to 64 periods of the RF field
Opt32 is the chip option with a bit period corresponding to 32 periods of the RF field
Fig. 19
The EM4450/4550 uses different patterns to send status information to the transceiver. Their structure can not be confused
with a bit pattern sequence. These patterns are the Listen Window (LIW) to inform the transceiver that data can be
accepted, the Acknowledge (ACK) indicating proper communication and end of EEPROM write, and the No Acknowledge
(NAK) when something is wrong.
The LIW, due to its special structure, can be used to synchronize the transceiver during a read operation. The LIW is sent
before each word, and is sent twice before FWR.
LIW
ACK
NAK
All numbers represent number of periods of RF f ield
32 32
128
64
64
32 32
96
32
64 32 32
32 32
96
32
96
32
16 16
48
16
32 16 16
16 16
48
16
48
16
16 16
64
32
32
(Opt64)
(Opt32)
(Opt64)
(Opt32)
(Opt64)
(Opt32)
Opt64 is the chi p option with a bit period correspondi ng to 64 periods of the RF fiel d
Opt32 is the chi p option with a bit period correspondi ng to 32 periods of the RF fiel d
Fig. 20
Communication from the Transceiver to the Transponder (RECEIVE MODE)
The EM4450/4550 can be switched to the Receive Mode ONLY DURING A LISTEN WINDOW. The Transceiver is
synchronized with the incoming data from the transponder and expects a LIW before each word. During the phase where
the chip has its modulator "ON" (64/32 periods of RF [Opt64/Opt32] ), the transceiver has to send a bit "0". A certain phase
shift in the read path of the transceiver can be accepted due to the fact that when entering Receive Mode, the Transceiver
becomes the Master.
At reception of the first "0", the chip immediately stops the LIW sequence and then expects another bit "0" to activate the
receive mode. Once the EM4450/4550 has received the first bit "0", the transceiver is imposing the timing for
synchronisation.
The EM4450/4550 turns "ON" its modulator at the beginning of each frame of a bit period. To send a logic "1" bit, the
transceiver continues to send clocks without modulation. After half a bit period, the modulation device of the EM4450/4550
is turned "OFF" allowing recharge of the internal supply capacitor. To send a logic "0" bit, the transceiver stops sending
clocks (100% modulation) during the first half of a bit period. The transceiver must not turn "OFF" the field after 7/4 clocks of
the bit period (Opt64/Opt32). The field is stopped for the remaining first half of the bit period, and then turned "ON" again for
the second half of the bit period. The 32rd/16th clock (Opt64/Opt32) defines the end of the bit.
To ensure synchronisation between the transceiver and the transponder, a logic bit set to "0" has to be transmitted at
regular intervals. The RM pattern consists of two bits set to "0" thus allowing initial synchronisation. In addition, the chosen
data structure contains even parity bits which will not allow more than eight consecutive bits set to logic "1" where no
modulation occurs.


Similar Part No. - EM4450A5WT7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4469 EMMICRO-EM4469 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
logo
Eorex Corporation
EM448M1684LBA-37FE EOREX-EM448M1684LBA-37FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-3FE EOREX-EM448M1684LBA-3FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-5FE EOREX-EM448M1684LBA-5FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM4450A5WT7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com