Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS86A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS86A
Description  FLATLINK RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS86A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS86A Datasheet HTML 1Page - Texas Instruments SN65LVDS86A Datasheet HTML 2Page - Texas Instruments SN65LVDS86A Datasheet HTML 3Page - Texas Instruments SN65LVDS86A Datasheet HTML 4Page - Texas Instruments SN65LVDS86A Datasheet HTML 5Page - Texas Instruments SN65LVDS86A Datasheet HTML 6Page - Texas Instruments SN65LVDS86A Datasheet HTML 7Page - Texas Instruments SN65LVDS86A Datasheet HTML 8Page - Texas Instruments SN65LVDS86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN65LVDS86AQ, SN75LVDS86A
FlatLink RECEIVER
SLLS318C − NOVEMBER 1998 − REVISED JULY 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going differential input threshold voltage
100
mV
VIT−
Negative-going differential input threshold voltage‡
−100
mV
VOH
High-level output voltage
IOH = − 4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
Disabled,
All inputs to GND
280
µA
Enabled,
AnM = 1.4 V,
AnP = 1 V,
tc = 15.38 ns
33
40
ICC
Quiescent current (average)
Enabled,
CL = 8 pF,
Grayscale pattern (see Figure 3),
tc = 15.38 ns
43
mA
Enabled,
CL = 8 pF,
Worst-case pattern (see Figure 4)
tc = 15.38 ns
68
IIH
High-level input current (SHTDN)
VIH = VCC
±20
µA
IIL
Low-level input current (SHTDN)
VIL = 0
SN75LVDS86A
±20
A
IIL
Low-level input current (SHTDN)VIL = 0
SN65LVDS86AQ
±25
µA
II
Input current A inputs
0
≤ VI ≤ 2.4 V
±20
µA
IOZ
High-impedance output current
VO = 0 or VCC
±10
µA
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for the negative-going
input voltage threshold only.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tsu
Setup time, D0–D20 to CLKOUT
CL = 8 pF, See Figure 5
5
ns
th
Data hold time, CLKOUT
↓ to D0–D20
CL = 8 pF, See Figure 5
5
ns
t(RSKM) Receiver input skew margin§ (see Figure 7)
tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps¶,
550
700
ps
td
Delay time, CLKIN
↑ to CLKOUT↓ (see Figure 7)
VCC = 3.3 V,
tc = 15.38 ns (± 0.2%), TA = 25°C
3
5
7
ns
ten
Enable time, SHTDN to phase lock
See Figure 7
1
ms
tdis
Disable time, SHTDN to off state
See Figure 8
400
ns
tt
Transition time, output (10% to 90% tr or tf) (data only)
CL = 8 pF
3
ns
tt
Transition time, output (10% to 90% tr or tf) (clock only)
CL = 8 pF
1.5
ns
tw
Pulse duration, output clock
0.50 tc
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
§ The parameter t(RSKM) is the timing margin available to allocate to the transmitter and interconnection skews and clock jitter. The value of this
parameter at clock periods other than 15.38 ns can be calculated from tRSKM = tc/14 – 550 ps.
¶ |Input clock jitter| is the magnitude of the change in input clock period.


Similar Part No. - SN65LVDS86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS86ADGGRQ1 TI1-SN65LVDS86ADGGRQ1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS86AQDGGG4 TI1-SN65LVDS86AQDGGG4 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS86AQDGGRG4 TI1-SN65LVDS86AQDGGRG4 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS86AQDGGRQ1 TI1-SN65LVDS86AQDGGRQ1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
More results

Similar Description - SN65LVDS86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS84 TI1-SN75LVDS84_08 Datasheet
474Kb / 17P
[Old version datasheet]   FLATLINK TRANSMITTERS
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com