Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP9802 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9802
Description  2-Wire High-Accuracy Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9802 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9802 Datasheet HTML 3Page - Microchip Technology MCP9802 Datasheet HTML 4Page - Microchip Technology MCP9802 Datasheet HTML 5Page - Microchip Technology MCP9802 Datasheet HTML 6Page - Microchip Technology MCP9802 Datasheet HTML 7Page - Microchip Technology MCP9802 Datasheet HTML 8Page - Microchip Technology MCP9802 Datasheet HTML 9Page - Microchip Technology MCP9802 Datasheet HTML 10Page - Microchip Technology MCP9802 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 7
MCP9800/1/2/3
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-1:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-2:
Average Temperature
Accuracy vs. Ambient Temperature.
FIGURE 2-3:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-4:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-5:
Supply Current vs. Ambient
Temperature.
FIGURE 2-6:
Shutdown Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD= 3.3V
Spec. Limits
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
11-Bit
12-Bit
9-Bit
10-Bit
VDD = 3.3V
160 Samples
Resolution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Temperature Accuracy (°C)
TA = +25°C
VDD = 3.3V
5 lots
32 Samples/lot
160 Samples
50
100
150
200
250
300
350
400
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
0
0.2
0.4
0.6
0.8
1
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C )


Similar Part No. - MCP9802

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9802 MICROCHIP-MCP9802 Datasheet
611Kb / 42P
   2-Wire High-Accuracy Temperature Sensor
2010
MCP9802 MICROCHIP-MCP9802 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9802 MICROCHIP-MCP9802 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9802 MICROCHIP-MCP9802 Datasheet
503Kb / 30P
   2-Wire High-Accuracy Temperature Sensor
09/27/04
MCP9802A0-M/MS MICROCHIP-MCP9802A0-M/MS Datasheet
611Kb / 42P
   2-Wire High-Accuracy Temperature Sensor
2010
More results

Similar Description - MCP9802

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9803-M MICROCHIP-MCP9803-M Datasheet
503Kb / 30P
   2-Wire High-Accuracy Temperature Sensor
09/27/04
MCP9800 MICROCHIP-MCP9800 Datasheet
611Kb / 42P
   2-Wire High-Accuracy Temperature Sensor
2010
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
   High-Accuracy Wireless Temperature Sensor
logo
Greystone Energy System...
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
   HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSRC GREYSTONE-PS-HATSRC Datasheet
200Kb / 2P
   HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
   HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
   HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Greystone Energy System...
PS-HATSGL GREYSTONE-PS-HATSGL Datasheet
137Kb / 1P
   HIGH ACCURACY GLASS TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com