Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32128C25MNC Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # EDI8F32128C25MNC
Description  128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32128C25MNC Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  EDI8F32128C25MNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F32128C25MNC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8F32128C
May 2006
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOT RECOMME
NDED
FOR NEW
DESIGNS
ORDERING INFORMATION FOR PACKAGE NO. 85: 64 PIN ZIP
NOTE: 1. For Gold SIMM change form EDI8F to EDI8G.
Part Number
Speed (ns)
Package No.
Package Height*
EDI8F32128C15MZC
15
85
13.97 (0.550")
EDI8F32128C20MZC
20
85
13.97 (0.550")
EDI8F32128C25MZC
25
85
13.97 (0.550")
PACKAGE NO. 85: 64 PIN ZIP
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
93.09 (3.665) MAX
1.27 (0.050)
1.27
(0.050)
4.19 (0.165)
3.43 (0.135)
0.56 (0.022)
0.46 (0.018)
6.35
(0.250)
TYP
2.54
(0.100)
TYP
1.27
(0.050)
TYP
4.45
(0.175)
3.18
(0.125)
2.54
(0.100)
TYP
13.97
(0.550)
14.35
(0.580)
6.10
(0.240)
MAX


Similar Part No. - EDI8F32128C25MNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MMC WEDC-EDI8F321024C15MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MNC WEDC-EDI8F321024C15MNC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MZC WEDC-EDI8F321024C15MZC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C20MMC WEDC-EDI8F321024C20MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32128C25MNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com