Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F8512C70B6C Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # EDI8F8512C70B6C
Description  512Kx8 STATIC RAM CMOS, MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F8512C70B6C Datasheet(HTML) 9 Page - White Electronic Designs Corporation

  EDI8F8512C70B6C Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F8512C70B6C Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EDI8F8512C
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2002
Rev. 13A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE NO. 63: 36 PIN SINGLE-IN-LINE PACKAGE
PACKAGE DESCRIPTIONS
8F8512C Pkg 2
1.665 MAX.
.085
.065
.175
.125
.025
.015
.620
.590
.248
MAX.
.640
MAX.
NOTE 2
U5
U1
U2
R1
R2
.100 TYP.
15 x .100
1.500 REF.
0.125
Min
4.040 Max.
0.020
0.016
0.575
0.565
0.150
Max
0.100
35 x 0.100 = 3.500
8F8512C Pkg1
ALL DIMENSIONS ARE IN INCHES
8F8512C Pkg3
.010
.005
1.715 MAX.
.640
MAX.
.355
MAX.
1
.175
.125
.620
.590
15 x .100
1.500 REF.
NOT
RECOMMENDED
FOR
NEW
DESIGNS
PACKAGE NO. 91: 32 PIN DUAL-IN-LINE PACKAGE
PACKAGE NO. 183: 32 PIN DUAL-IN-LINE PACKAGE


Similar Part No. - EDI8F8512C70B6C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F81024C WEDC-EDI8F81024C Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C100BSC WEDC-EDI8F81024C100BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C70BSC WEDC-EDI8F81024C70BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C85BSC WEDC-EDI8F81024C85BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results

Similar Description - EDI8F8512C70B6C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com