Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F711-1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F711-1
Description  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F711-1 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F711-1 Datasheet HTML 1Page - NXP Semiconductors 74F711-1 Datasheet HTML 2Page - NXP Semiconductors 74F711-1 Datasheet HTML 3Page - NXP Semiconductors 74F711-1 Datasheet HTML 4Page - NXP Semiconductors 74F711-1 Datasheet HTML 5Page - NXP Semiconductors 74F711-1 Datasheet HTML 6Page - NXP Semiconductors 74F711-1 Datasheet HTML 7Page - NXP Semiconductors 74F711-1 Datasheet HTML 8Page - NXP Semiconductors 74F711-1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
74F711A
Quint 2-to-1 Data Selector Multiplexer (3-State)
74F711-1 Quint 2-to-1 Data Selector Multiplexer with 30
W Equivalent Output Termination Impedance (3-State)
74F712A
Quint 3-to-1 Data Selector Multiplexer
74F712-1 Quint 3-to-1 Data Selector Multiplexer with 30
W Equivalent Output Termination Impedance
2
1990 Dec 13
853-1368 01258
FEATURES for 74F711A/74F711-1
Consists of five 2-to-1 Multiplexers
High impedance PNP base inputs for reduced loading
(20
µA in High and Low states)
Designed for address multiplexing of dynamic RAM and other
applications
Output inverting/non-inverting option
30W termination impedance on each output – 74F711-1
Outputs sink 64mA (74F711A only)
FEATURES for 74F712A/74F712-1
Consists of five 3-to-1 Multiplexers
High impedance PNP base inputs for reduced loading
(20
µA in High and Low states)
Designed for address multiplexing of dynamic RAM and other
applications
30W termination impedance on each output – 74F712-1
Outputs sink 64mA (74F712A only)
DESCRIPTION
The 74F711A/74F711-1 consist of five 2-to-1 multiplexers designed
for address multiplexing of dynamic RAMs and other multiplexing
applications. The 74F711A has a common select (S) input, an
Output Enable (OE) input and an Output Inverting (INV) input to
control the 3-State outputs. The outputs source 15mA and sink
64mA. The 74F711-1 is the same as the 74F711A except that is has
a 30
W termination impedance on each output to reduce line noise
and the 3-State outputs sink 5mA.
When the inverting input (INV) is Low, the input data path is
inverted.
To improve speed and noise immunity, VCC and GND side pins are
used.
The 74F712A/74F712-1 consist of five 3-to1 multiplexers designed
for address multiplexing of dynamic RAMs and other multiplexing
applications. The 74F712A has two select (S0, S1) inputs to
determine which set of five inputs will be propagated to the five
outputs. The outputs source 15mA and sink 64mA. The 74F712-1 is
the same as the 74F712A except that it has a 30
W termination
impedance on each output to reduce line noise and the outputs sink
5mA.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F711A
6.0ns
30mA
74F711-1
6.5ns
29mA
74F712A
6.5ns
25mA
74F712-1
6.5ns
25mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ± 10%
Tamb = 0° C to +70°C
PKG DWG #
20-Pin Plastic DIP
N74F711AN, N74F711-1N
SOT146-1
24-Pin Plastic Slim
DIP (300 mil)
N74F712AN, N74F712-1N
SOT222-1
20-Pin Plastic SOL
N74F711AD, N74F711-1D
SOT163-1
24-Pin Plastic SOL
N74F712AD, N74F712-1D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dna, Dnb
Data inputs
1.0/0.066
20
µA/40µA
S
Select input
1.0/0.033
20
µA/20µA
74F711A/
OE
Output Enable input (active Low)
1.0/0.033
20
µA/20µA
74F711-1
INV
Output inverting input (active Low)
1.0/0.033
20
µA/20µA
Q0 - Q4
Data outputs for 74F711A
750/106.7
15mA/64mA
Q0 - Q4
Data outputs for 74F711-1
750/8.33
15mA/5mA
Dna, Dnb, Dnc
Data inputs
1.0/0.066
20
µA/40µA
74F712A/
S0, S1
Select inputs
1.0/0.033
20
µA/20µA
74F712-1
Q0 - Q4
Data outputs for 74F712A
750/106.7
15mA/64mA
Q0 - Q4
Data outputs for 74F712-1
750/8.33
15mA/5mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.


Similar Part No. - 74F711-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725-1 PHILIPS-74F725-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725A PHILIPS-74F725A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F711-1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
   CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com