Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6905CS5-80 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6905CS5-80
Description  Fixed Frequency SOT-23 Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5-80 Datasheet(HTML) 5 Page - Linear Technology

  LTC6905CS5-80 Datasheet HTML 1Page - Linear Technology LTC6905CS5-80 Datasheet HTML 2Page - Linear Technology LTC6905CS5-80 Datasheet HTML 3Page - Linear Technology LTC6905CS5-80 Datasheet HTML 4Page - Linear Technology LTC6905CS5-80 Datasheet HTML 5Page - Linear Technology LTC6905CS5-80 Datasheet HTML 6Page - Linear Technology LTC6905CS5-80 Datasheet HTML 7Page - Linear Technology LTC6905CS5-80 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC6905-XXX Series
5
6905xf
BLOCK DIAGRA
+
+
+
1
3
GAIN = 1
V+
VBIAS
IRES
IRES
RSET
GND
MASTER OSCILLATOR
PROGRAMMABLE
DIVIDER
(N = 1, 2 OR 4)
VRES = 1V ±5%
(V+ – VSET)
THREE-STATE
INPUT DETECT
GND
V+
15µA
6905x BD
15µA
OUT
OE
fMO
DIVIDER
SELECT
5
DIV
4
2
fOSC =
fMO
N
PI FU CTIO S
V+ (Pin 1): Voltage Supply (2.7V ≤ V+ ≤ 5.5V). This supply
must be kept free from noise and ripple. It should be
bypassed directly to the GND (Pin 2) with a 0.1µF capacitor
or higher.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
OE (Pin 3): Output Enable. Pull to V+ or leave floating to
enable the output driver (Pin 5). Pull low to disable the
output. The output is disabled asynchronously. Pulling OE
pin low will immediately disable the output. Pulling the OE
pin high will bring the output high on the next low to high
transition of the clock. This eliminates pulse slivers.
DIV (Pin 4): Divider-Setting Input. This three-state input
selects among three divider settings. Pin 4 should be tied
to V+ for the ÷1 setting, the highest frequency range. Float-
ing Pin 4 divides the master oscillator by 2. Pin 4 should
be tied to GND for the÷4setting,thelowestfrequencyrange.
To detect a floating DIV pin, the LTC6905 attempts to pull
the pin toward midsupply. This is realized with two internal
current sources, one tied to V+ and Pin 4 and the other one
tied to ground and Pin 4. Therefore, driving the DIV pin high
requires sourcing approximately 15µA. Likewise, driving
DIV low requires sinking 15µA. When Pin 4 is floated, it
should be bypassed by a 1nF capacitor to ground or it should
be surrounded by a ground shield to prevent excessive cou-
pling from other PCB traces.
OUT (Pin 5): Oscillator Output. This pin can drive 5kΩ
and/or 5pF loads. For heavier loads, refer to the Applica-
tions Information section.
Table 1. LTC6905-XXX Frequency Settings
DIV SETTING
LTC6905-133
LTC6905-100
LTC6905-96
LTC6905-80
V+
133.33MHz
100MHz
96MHz
80MHz
OPEN
66.66MHz
50MHz
48MHz
40MHz
GND
33.33MHz
25MHz
24MHz
20MHz


Similar Part No. - LTC6905CS5-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905CS5 LINER-LTC6905CS5 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6905CS5-80

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
   Fixed Frequency Oscillator
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com