Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F32128C15MZC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI8F32128C15MZC
Description  128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32128C15MZC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI8F32128C15MZC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8F32128C
May 2006
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
The EDI8F32128C is a high speed 4Mb Static RAM
module organized as 128K words by 32 bits. This module is
constructed from four 128Kx8 Static RAMs in SOJ packages
on an epoxy laminate (FR4) board.
Four chip enables (E0# - E3#) are used to independently
enable the four bytes. Reading or writing can be executed
on individual bytes or any combination of multiple bytes
through proper use of selects.
The EDI8F32128C is offered in 64 pin ZIP/SIMM package
which enables eight megabits of memory to be placed in
less than 1.4 square inches of board space.
All inputs and outputs are TTL compatible and operate from
a single 5V supply. Fully asynchronous circuitry requires no
clocks or refreshing for operation and provides equal access
and cycle times for ease of use.
The ZIP and SIMM modules contain two pins, PD1
and PD2, which are used to identify module memory
density in applications where alternate modules can be
interchanged.
FEATURES
128Kx32 bit CMOS Static
Random Access Memory
Access Times: 15, 20, and 25ns
Individual Byte Selects
Fully Static, No Clocks
TTL Compatible I/O
Single +5V (±10%) Supply Operation
High Density Package with JEDEC Standard
Pinouts
64 Pin ZIP, No. 85
• Height: 13.97 (0.550")
64 Lead SIMM, No. 333
• Height: 15.62 (0.615")
Common Data Inputs and Outputs
PIN NAMES
FIG. 1 – PIN CONFIGURATIONS AND BLOCK DIAGRAM
AØ-A16
Address Inputs
EØ#-E3#
Chip Enables
W#
Write Enables
G#
Output Enable
DQØ-DQ31 Common Data Input/Output
VCC
Power (+5V ± 10%)
VSS
Ground
DESCRIPTION
PD0
DQ0
DQ1
DQ2
DQ3
VCC
A7
A8
A9
DQ4
DQ5
DQ6
DQ7
W#
A14
E0#
VSS
PD1
DQ8
DQ9
DQ10
DQ11
A0
A1
A2
DQ12
DQ13
DQ14
DQ15
VSS
A15
E1#
E3#
NC
G#
DQ24
DQ25
DQ26
DQ27
A3
A4
A5
VCC
A6
DQ28
DQ29
DQ30
DQ31
E2#
A16
VSS
DQ16
DQ17
DQ18
DQ19
A10
A11
A12
A13
DQ20
DQ21
DQ22
DQ23
VSS
PD0 = OPEN
PD1 = OPEN
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
33
35
37
39
41
43
45
47
49
51
53
55
57
59
61
63
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
DQ0-7
DQ8-15
DQ16-23
DQ24-31
A0 - A17
W#
G#
E0#
E3#
E2#
E1#
128Kx8
128Kx8
128Kx8
128Kx8
BLOCK DIAGRAM


Similar Part No. - EDI8F32128C15MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MMC WEDC-EDI8F321024C15MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MNC WEDC-EDI8F321024C15MNC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MZC WEDC-EDI8F321024C15MZC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C20MMC WEDC-EDI8F321024C20MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32128C15MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com