Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI8F8512C25M6C Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # EDI8F8512C25M6C
Description  512Kx8 STATIC RAM CMOS, MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F8512C25M6C Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  EDI8F8512C25M6C Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F8512C25M6C Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EDI8F8512C
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2002
Rev. 13A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
LP 70-100ns Only
ORDERING INFORMATION
Standard Power
Speed
(ns)
Package
No.
EDI8F8512C20M6C
20
183
EDI8F8512C25M6C
25
183
EDI8F8512C35M6C
35
183
EDI8F8512C70BSC
70
63
EDI8F8512C85BSC
85
63
EDI8F8512C100BSC
100
63
EDI8F8512C55B6C
55
91
EDI8F8512C70B6C
70
91
EDI8F8512C85B6C
85
91
EDI8F8512C100B6C
100
91
Low Power
with Data Retention
Speed
(ns)
Package
Leads
EDI8F8512LP70BSC
70
63
EDI8F8512LP85BSC
85
63
EDI8F8512LP100BSC
100
63
EDI8F8512LP70B6C
70
91
EDI8F8512LP85B6C
85
91
EDI8F8512LP100B6C
100
91
Note:
To order an Industrial grade product substitute the letter C in the Suffix with
the letter I, e.g., EDI8F8512C70B6C becomes EDI8F8512C70B6I.
FIG. 9 DATA RETENTION E# CONTROLLED
VCC
tR
8F8512C Data Retent.
DATA RETENTION MODE
E#
tCDR
E# VCC-0.2V
VCC
4.5V
4.5V
DATA RETENTION CHARACTERISTICS
*Read Cycle Time
Note: Parameter guaranteed, but not tested.
Characteristic
Sym
Test Conditions
VCC
Min
Typ
Max
Unit
70°C
85°C
Data Retention Voltage
VCC
VCC = 0.2V
2
V
Data Retention Quiescent Current
ICCDR
E# ≥ VCC -0.2V
VIN ≥ VCC -0.2V
or VIN ≤ 0.2V
2V
10
125
185
µA
3V
20
200
250
µA
Chip Disable to Data Retention Time (1)
tCDR
0
ns
Operation Recovery Time (1)
tR
tAVAV*
ns


Similar Part No. - EDI8F8512C25M6C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F81024C WEDC-EDI8F81024C Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C100BSC WEDC-EDI8F81024C100BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C70BSC WEDC-EDI8F81024C70BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C85BSC WEDC-EDI8F81024C85BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results

Similar Description - EDI8F8512C25M6C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com