Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI7F2331MC120BNC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI7F2331MC120BNC
Description  1Mx32 FLASH MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F2331MC120BNC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI7F2331MC120BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F2331MC120BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F2331MC120BNC Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F331MC
Sept. 2002
Rev. 3A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Note: To order an Industrial grade product substitute the letter C in the Suffix with
the letter I.
ORDERING INFORMATION
PACKAGE NO. 346: 80 PIN SIMM (JEDEC)
PACKAGE NO. 361: 80 PIN SIMM
J1
J3
153
0.062 R
0.062 R
0.850
MAX.
MIN.
4.655 MAX.
4.384
0.250
2.245
2.192
0.400
4.150
0.050 TYP.
0.250
0.120
MAX.
0.125
R3
R1
J1
J3
153
P1
0.850
MAX.
4.150
0.050 TYP.
0.250
J2-1
J2-2
J2-3
0.062 R
0.062 R
MAX.
MIN.
0.225
MIN.
4.655 MAX.
4.384
0.250
2.245
2.192
0.400
0.170
0.125
R3
ORDERING INFORMATION
Note: To order an Industrial grade product substitute the letter C in the Suffix with
the letter I.
Part Number
Speed
(ns)
Package
EDI7F331MC80BNC
80
346
EDI7F331MC90BNC
90
346
EDI7F331MC100BNC
100
346
EDI7F331MC120BNC
120
346
EDI7F331MC150BNC
150
346
Part Number
Speed
(ns)
Package
EDI7F2331MC80BNC
80
361
EDI7F2331MC90BNC
90
361
EDI7F2331MC100BNC
100
361
EDI7F2331MC120BNC
120
361
EDI7F2331MC150BNC
150
361
ALL DIMENSIONS ARE IN INCHES


Similar Part No. - EDI7F2331MC120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F2331MC120BNC WEDC-EDI7F2331MC120BNC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
More results

Similar Description - EDI7F2331MC120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com