Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1210-683K Datasheet(PDF) 1 Page - API Delevan

Part # S1210-683K
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S1210-683K Datasheet(HTML) 1 Page - API Delevan

  S1210-683K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11/2002
PAGE
17
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series S1210
Shielded Surface Mount Inductors
1175
1104
1017
971
910
860
831
720
679
644
614
588
720
650
603
564
533
526
509
500
455
399
372
349
330
314
288
272
262
228
215
204
194
181
172
156
144
0.15
0.17
0.20
0.22
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.40
0.49
0.57
0.65
0.73
0.75
0.80
0.83
1.00
1.30
1.50
1.70
1.90
2.10
2.50
2.80
3.00
4.00
4.50
5.00
5.50
6.30
7.00
8.50
10.00
375
350
330
310
300
290
255
230
220
200
180
170
140
120
110
95
80
70
45
42
40
38
35
32
28
25
23
21
19
16
14
12
10
8
8
8
8
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
Physical Parameters
Inches
Millimeters
A
0.118 to 0.138
3.00 to 3.51
B
0.085 to 0.105
2.16 to 2.66
C
0.081 to 0.101
2.06 to 2.57
D
0.016 Min.
0.41 Min.
E
0.041 to .061
1.04 to 1.55
F
0.070 (Ref. only)
1.78 (Ref. only)
G
0.054 (Ref. only)
1.37 (Ref. only)
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams) 0.1
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.287 W
Packaging Tape & reel (8mm): 7" reel, 2000 pieces
max.; 13" reel, 7000 pieces max.
Made In the U.S.A. Patent Protected
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
SERIES S1210 IRON CORE
S1210-101K
S1210-121K
S1210-151K
S1210-181K
S1210-221K
S1210-271K
S1210-331K
S1210-391K
S1210-471K
S1210-561K
S1210-681K
S1210-821K
SERIES S1210 FERRITE CORE
S1210-102K
S1210-122K
S1210-152K
S1210-182K
S1210-222K
S1210-272K
S1210-332K
S1210-392K
S1210-472K
S1210-562K
S1210-682K
S1210-822K
S1210-103K
S1210-123K
S1210-153K
S1210-183K
S1210-223K
S1210-273K
S1210-333K
S1210-393K
S1210-473K
S1210-563K
S1210-683K
S1210-823K
S1210-104K
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%
0.1
0.5
INDUCTANCE (
µH)
1.0
1.5
2.0
2.5
3.0
3.5
1.0
10
100
0
% COUPLING vs. INDUCTANCE
For more detailed graphs, contact factory


Similar Part No. - S1210-683K

ManufacturerPart #DatasheetDescription
logo
API Delevan
S1210-683K API-S1210-683K Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - S1210-683K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com