Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4069B6CI2LC Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4069B6CI2LC
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4069B6CI2LC Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4069B6CI2LC Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4069B6CI2LC Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
ROM organization
The ROM is composed of 64 bits divided in a 9-bit header, 10 nibbles of 4 data bits and 1 row even parity bit, 4 column even
parity bits, and 1 stop bit. The Read ROM command will output the contents of the ROM, starting with bit-0. When bit-64 is
output, the sequence continues with bit-0.
Data in ROM is written by laser programming during manufacturing to form a unique identification code.
Figure below presents the ROM data structure. Bits P0 to P9 are row parity bits and bits PC0 to PC3 are column parity bits.
Parity is even so that a 9 bits set to logic one header can not be reproduced in a data stream.
Bit 0
111111111
Bit 8
Header
Bit 9
D00
D01
D02
D03
P0
Bit 13
8 bits customer ID
Bit 14
D10
D11
D12
D13
P1
Bit 18
Bit 19
D20
D21
D22
D23
P2
Bit 23
Bit 24
D30
D31
D32
D33
P3
Bit 28
Bit 29
D40
D41
D42
D43
P4
Bit 33
Unique
Bit 34
D50
D51
D52
D53
P5
Bit 38
device
Bit 39
D60
D61
D62
D63
P6
Bit 43
serial
Bit 44
D70
D71
D72
D73
P7
Bit 48
number
Bit 49
D80
D81
D82
D83
P8
Bit 53
Bit 54
D90
D91
D92
D93
P9
Bit 58
Bit 59
PC0
PC1
PC2
PC3
0
Bit 63
Column parity bits
Fig. 8
Customer ID for all standard versions is 01 hex.
Command description
The EM4069 operates in different modes. The default following a Power on Reset is Read EEPROM mode, and by means of
different commands, the circuit can switch to the following modes :
read access to ROM
write access to 16 bits of EEPROM
write access to configuration word
read access to configuration word
The reader has to generate the commands, which have to be decoded by the EM4069.
Command
Command
Short name
Bit pattern
Function
Command 1
rst
1010 0000
Reset and return to EEPROM read
Command 2
rROM
1010 0101
READ 64 bit ROM
Command 3
wr
1100.add.data.crc
WRITE 16 bit EEPROM word
Command 4
wcw
1101 0011.prot.crc
WRITE configuration word
Command 5
rcw
1111 0000
Read configuration word
Commands rst, rROM and rcw affect readout. An eight-bit pattern has to be sent to execute them. Write commands are longer
since associated address and data have to be sent. The leftmost bit in command bit pattern is transferred first.
Command 1: Reset command
During activation of the transponder a return to default
mode is possible from any mode with the reset command.
Command 2 : Read out of ROM 64 Bits
After activation of command 2, the 64 bit ROM data will be
read out cyclically. This mode will be active until power
down or reset command.
Command 3 : Write 16 Bit EEPROM word
After activation of command 3, a 16-bit EEPROM word can
be written. Data transmission will be secured by CRC
check information, which has to be calculated by the reader
and which will be checked by the EM4069.
Command 4 : Write configuration word
Command 4 has the same structure as command 3. The
16-bit configuration word is written by this command. A
partial locking (write inhibit) of the 128 bit memory is
possible in blocks of 16 bits (16 bit word becomes read-
only).
The bits of configuration word are OTP (one time
programmable) so once a certain bit in configuration word
is set it cannot be reset.


Similar Part No. - EM4069B6CI2LC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results

Similar Description - EM4069B6CI2LC

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com