Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I74F656AN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # I74F656AN
Description  Octal buffer/driver with parity, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

I74F656AN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button I74F656AN Datasheet HTML 4Page - NXP Semiconductors I74F656AN Datasheet HTML 5Page - NXP Semiconductors I74F656AN Datasheet HTML 6Page - NXP Semiconductors I74F656AN Datasheet HTML 7Page - NXP Semiconductors I74F656AN Datasheet HTML 8Page - NXP Semiconductors I74F656AN Datasheet HTML 9Page - NXP Semiconductors I74F656AN Datasheet HTML 10Page - NXP Semiconductors I74F656AN Datasheet HTML 11Page - NXP Semiconductors I74F656AN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F655A*
74F656A
Buffers/drivers
1991 Jul 17
8
* Discontinued part. Please see the Discontinued Products List.
AC WAVEFORMS
SF00965
VM
VM
VM
VM
tPHL
tPLH
Dn
SE, SO, Qn
Waveform 1. Propagation Delay, Non-Inverting Outputs
SF00966
VM
VM
VM
VM
tPHL
tPLH
Dn
SE, SO, Qn
Waveform 2. Propagation Delay, Inverting Outputs
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OEn
SF00967
SE, SO, Qn, Qn
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
SF00968
SE, SO, Qn, Qn
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


Similar Part No. - I74F656AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I74F656AD NXP-I74F656AD Datasheet
287Kb / 14P
   Octal buffer/driver with parity; non-inverting; 3-state
Rev. 05-25 March 2010
More results

Similar Description - I74F656AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F656A NXP-74F656A Datasheet
287Kb / 14P
   Octal buffer/driver with parity; non-inverting; 3-state
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
MC74HCT541A ONSEMI-MC74HCT541A_16 Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com