Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8761AAS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8761AAS
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8761AAS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8761AAS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SM8761 series
NIPPON PRECISION CIRCUITS INC.—6
AC Characteristics
SM8761AA
VDD = 3.3 ± 0.3V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
SM8761AB
VDD = 3.3 ± 0.3V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Parameter
Symbol
Pins
Condition
Rating
Unit
min
typ
max
Clock frequency
fin
XT
Crystal connection
20
40
MHz
External clock input*1
*1. When using an external clock input, it is recommended that the clock on XT have 50% duty and VDD level signal amplitude. Note that the input signal
voltage must not exceed the absolute maximum rating, otherwise it may cause the device to breakdown.
20
108
Output clock rise time*2
*2. Measured using the circuit in Figure 1 on the NPC standard evaluation board.
tr
CLKOUT
CL = 15pF, VOL = 0.2VDD to VOH =
0.8VDD transition time
2.0
ns
Output clock fall time*2
tf
CLKOUT
CL = 15pF, VOH = 0.8VDD to VOL =
0.2VDD transition time
2.0
ns
Output clock jitter*2
tjitter
CLKOUT
Cycle-to-cycle jitter,
Ta = 25
°C, CL = 15pF,
VO = 0.5VDD
fin = 33MHz
200
ps
fin = 75MHz
120
Output clock duty cycle*2
Dt
CLKOUT
Ta = 25
°C, CL = 15pF, VO = 0.5VDD
45
50
55
%
Power-up time*2,*3
*3. The power-up time is the time from when the supply reaches 3.0V after the supply is turned ON until each output clock reaches its designated fre-
quency to within ± 0.1%.
tp
CLKOUT
1
5
ms
Parameter
Symbol
Pins
Condition
Rating
Unit
min
typ
max
Clock frequency
fin
XT
Crystal connection
12
32
MHz
External clock input*1
*1. When using an external clock input, it is recommended that the clock on XT have 50% duty and VDD level signal amplitude. Note that the input signal
voltage must not exceed the absolute maximum rating, otherwise it may cause the device to breakdown.
12–32
Output clock rise time*2
*2. Measured using the circuit in Figure 1 on the NPC standard evaluation board.
tr
CLKOUT
CL = 15pF, VOL = 0.2VDD to VOH =
0.8VDD transition time
2.0
ns
Output clock fall time*2
tf
CLKOUT
CL = 15pF, VOH = 0.8VDD to VOL =
0.2VDD transition time
2.0
ns
Output clock jitter*2
tjitter
CLKOUT
Cycle-to-cycle jitter,
Ta = 25
°C, CL = 15pF,
VO = 0.5VDD
fin = 12MHz
450
ps
fin = 16MHz
200
fin = 20MHz
300
fin = 27MHz
180
Output clock duty cycle*2
Dt
CLKOUT
Ta = 25
°C, CL = 15pF, VO = 0.5VDD
45
50
55
%
Power-up time*2,*3
*3. The power-up time is the time from when the supply reaches 3.0V after the supply is turned ON until each output clock reaches its designated fre-
quency to within ± 0.1%.
tp
CLKOUT
1
5
ms
Figure 1. Measurement circuit
Frequency &
Time Interval
Analyzer
(HP5371A)
X'tal
Oscilloscope
(Infinium
HP54845A)
Passive Probe
(HP10435A)
Active Probe
(HP1152A)
DUT
Jitter
Measurement
System
(ASA, M1)
+
+
DUT: Device Under Testing


Similar Part No. - SM8761AAS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8760CA NPC-SM8760CA Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
SM8760CAV NPC-SM8760CAV Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - SM8761AAS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com